Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C1674 Datasheet (PDF) - TRANSYS Electronics Limited

C1674 Datasheet PDF - TRANSYS Electronics Limited
Part # C1674
Download  C1674 Download
File Size   108.84 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description TO-92 Plastic-Encapsulated Transistors

C1674 Datasheet (PDF)

Go To PDF Page Download Datasheet
C1674 Datasheet PDF - TRANSYS Electronics Limited

Part # C1674
Download  C1674 Click to download

File Size   108.84 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description TO-92 Plastic-Encapsulated Transistors

C1674 Datasheet (HTML) - TRANSYS Electronics Limited


C1674 Product details

TRANSISTOR (NPN)

FEATURE
    Power dissipation
        PCM: 0. 25 W (Tamb=25℃)
    Collector current
        ICM: 0.02 A
    Collector-base voltage
        V(BR)CBO: 30 V
    Operating and storage junction temperature range
        TJ, Tstg: -55℃ to +150℃




Similar Part No. - C1674

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
C1674 TGS-C1674 Datasheet
243Kb / 2P
TO-92 Plastic-Encapsulate Transistors (NPN)
logo
NEC
C1674 NEC-C1674 Datasheet
298Kb / 4P
NPN SILICON TRANSISTOR
logo
SHENZHEN YONGERJIA INDU...
C1674 WINNERJOIN-C1674 Datasheet
147Kb / 1P
TRANSISTOR (NPN)
logo
Foshan Blue Rocket Elec...
C1674 FOSHAN-C1674 Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
logo
Jiangsu Changjiang Elec...
C1674 JIANGSU-C1674 Datasheet
405Kb / 3P
TO-92 Plastic-Encapsulate Transistors
More results


Similar Description - C1674

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
2N4401 TEL-2N4401 Datasheet
66Kb / 1P
TO-92 Plastic-Encapsulated Transistors
2N5551 TEL-2N5551 Datasheet
66Kb / 2P
TO-92 Plastic-Encapsulated Transistors
logo
Daya Electric Group Co....
8550 DAYA-8550 Datasheet
680Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L15 DAYA-79L15 Datasheet
782Kb / 1P
TO-92 Plastic-Encapsulate Transistors
9013 DAYA-9013 Datasheet
651Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SA733 DAYA-2SA733 Datasheet
798Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L05 DAYA-79L05 Datasheet
778Kb / 1P
TO-92 Plastic-Encapsulate Transistors
MPSA13 DAYA-MPSA13 Datasheet
590Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SD1616A DAYA-2SD1616A Datasheet
149Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
TO-92 Plastic-Encapsulate Transistors (TO-92)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com