Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5114 Datasheet (PDF) - InterFET Corporation

2N5114 Datasheet PDF - InterFET Corporation
Part # 2N5114
Download  2N5114 Download
File Size   69.63 Kbytes
Page   1 Pages
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation
Description P-Channel Silicon Junction Field-Effect Transistor

2N5114 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N5114 Datasheet PDF - InterFET Corporation

Part # 2N5114
Download  2N5114 Click to download

File Size   69.63 Kbytes
Page   1 Pages
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation
Description P-Channel Silicon Junction Field-Effect Transistor

2N5114 Datasheet (HTML) - InterFET Corporation


2N5114 Product details

● Analog Switches

Absolute maximum ratings at TA = 25°C
Reverse Gate Source & Reverse Gate Drain Voltage – 40 V
Gate Current                                                                   50 mA
Continuous Device Power Dissipation                                 500mW
Power Derating                                                               3 mW/°C
Storage Temperature Range                                – 65°C to + 200°C




Similar Part No. - 2N5114

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
2N5114 CALOGIC-2N5114 Datasheet
33Kb / 2P
P-Channel JFET Switch
logo
Linear Integrated Syste...
2N5114 LINEAR-2N5114 Datasheet
328Kb / 2P
SINGLE P-CHANNEL JFET
logo
Microsemi Corporation
2N5114 MICROSEMI-2N5114 Datasheet
56Kb / 2P
P-CHANNEL J-FET
logo
Intersil Corporation
2N5114 INTERSIL-2N5114 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
Microsemi Corporation
2N5114 MICROSEMI-2N5114 Datasheet
60Kb / 2P
P-CHANNEL J-FET
More results


Similar Description - 2N5114

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
2N3993 INTERFET-2N3993 Datasheet
93Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
2N5020 INTERFET-2N5020 Datasheet
89Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
J270 INTERFET-J270 Datasheet
423Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
2N5460 INTERFET-2N5460 Datasheet
100Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
2N5461 INTERFET-2N5461 Datasheet
100Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
2N5462 INTERFET-2N5462 Datasheet
100Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
J174 INTERFET-J174 Datasheet
103Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
J175 INTERFET-J175 Datasheet
103Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
J176 INTERFET-J176 Datasheet
98Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
P1087 INTERFET-P1087 Datasheet
99Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
More results




About InterFET Corporation


InterFET Corporation is a semiconductor company that specializes in the design and manufacture of high-performance, precision, and low-noise analog transistors. They offer a wide range of products including JFETs (Junction Field-Effect Transistors), MOSFETs (Metal-Oxide-Semiconductor Field-Effect Transistors), and other specialized transistors.

InterFET serves a variety of industries, including aerospace, medical, military, and telecommunications. Their transistors are used in a variety of applications such as signal amplification, filtering, voltage regulation, and precision measurement.

The company was founded in 1981 and is headquartered in California, USA. They have a strong commitment to research and development, and are dedicated to providing high-quality and reliable products to their customers. In addition to their standard products, InterFET also provides customized solutions to meet specific customer requirements.

Overall, InterFET is a trusted and reliable supplier of high-performance analog transistors, with a strong reputation for quality and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com