Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HHV0405-175 Datasheet (PDF) - Advanced Semiconductor

HHV0405-175 Datasheet PDF - Advanced Semiconductor
Part # HHV0405-175
Download  HHV0405-175 Download
File Size   1898.27 Kbytes
Page   8 Pages
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor
Description 175 Watts, 50V, 420-470MHz, 300us, 10% Duty Cycle

HHV0405-175 Datasheet (PDF)

Go To PDF Page Download Datasheet
HHV0405-175 Datasheet PDF - Advanced Semiconductor

Part # HHV0405-175
Download  HHV0405-175 Click to download

File Size   1898.27 Kbytes
Page   8 Pages
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor
Description 175 Watts, 50V, 420-470MHz, 300us, 10% Duty Cycle

HHV0405-175 Datasheet (HTML) - Advanced Semiconductor




Similar Part No. - HHV0405-175

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
HHV YAGEO-HHV Datasheet
984Kb / 17P
METAL GLAZED FILM RESISTORS
April 3, 2024 V.3
HHV-25 YAGEO-HHV-25 Datasheet
984Kb / 17P
METAL GLAZED FILM RESISTORS
April 3, 2024 V.3
HHV-25JT-52-1M YAGEO-HHV-25JT-52-1M Datasheet
274Kb / 2P
Metal Glazed Film Resistors
HHV-50 YAGEO-HHV-50 Datasheet
984Kb / 17P
METAL GLAZED FILM RESISTORS
April 3, 2024 V.3
HHV1WS YAGEO-HHV1WS Datasheet
984Kb / 17P
METAL GLAZED FILM RESISTORS
April 3, 2024 V.3
More results


Similar Description - HHV0405-175

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH2731-75L MACOM-PH2731-75L Datasheet
144Kb / 2P
Radar Pulsed Power Transistor, 75W, 300us Pulse, 10% Duty 2.7 - 3.1 GHz
PH1214-25L MACOM-PH1214-25L Datasheet
147Kb / 2P
Radar Pulsed Power Transistor, 25W, 300us Pulse, 10% Duty 1.2 - 1.4 GHz
PH3134-9L MACOM-PH3134-9L Datasheet
139Kb / 2P
Radar Pulsed Power Transistor, 9W, 300us Pulse, 10% Duty 3.1 - 3.4 GHz
PH3134-20L MACOM-PH3134-20L Datasheet
148Kb / 2P
Radar Pulsed Power Transistor, 20W, 300us Pulse, 10% Duty 3.1 - 3.4 GHz
logo
Microsemi Corporation
0405-1000M MICROSEMI-0405-1000M Datasheet
143Kb / 4P
1000 Watts - 40 Volts, 300us, 10% UHF Pulsed Radar 400 - 450 MHz
logo
M/A-COM Technology Solu...
MAGX-002735-040L00 MA-COM-MAGX-002735-040L00 Datasheet
307Kb / 7P
GaN HEMT Pulsed Power Transistor 2.7 - 3.5 GHz, 40W Peak, 300us Pulse, 10% Duty Cycle
logo
Advanced Semiconductor
HVV1214-025 ASI-HVV1214-025 Datasheet
187Kb / 2P
25 Watts, 50V, 1200-1400MHz 200!s, 10% Duty
HVV0912-150 ASI-HVV0912-150 Datasheet
1Mb / 8P
150 Watts, 50V-1215MHz 10us, 10% Duty Cycle
logo
Mallory Sonalert Produc...
MSE28LPS1 MSPI-MSE28LPS1 Datasheet
43Kb / 1P
Short Beep 1 PPS, 10% Duty Cycle
MSE28MPS1 MSPI-MSE28MPS1 Datasheet
43Kb / 1P
Short Beep 1 PPS, 10% Duty Cycle
More results




About Advanced Semiconductor


Advanced Semiconductor, Inc. (ASI) is a semiconductor company based in South Korea. The company was founded in 1989 and specializes in the design and manufacturing of memory and storage solutions for a variety of applications, including consumer electronics, automotive, and industrial markets.

ASI's product portfolio includes DRAM, SRAM, flash memory, and embedded memory solutions. These products are used in a wide range of devices, including smartphones, tablets, laptops, servers, and automotive infotainment systems.

ASI is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. ASI also offers custom design and engineering services to meet the specific needs of its customers.

ASI has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative memory and storage solutions that meet the evolving needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com