Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2740B Datasheet (PDF) - Dallas Semiconductor

DS2740B Datasheet PDF - Dallas Semiconductor
Part # DS2740B
Download  DS2740B Download
File Size   248.38 Kbytes
Page   15 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description High-Precision Coulomb Counter

DS2740B Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2740B Datasheet PDF - Dallas Semiconductor

Part # DS2740B
Download  DS2740B Click to download

File Size   248.38 Kbytes
Page   15 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description High-Precision Coulomb Counter

DS2740B Datasheet (HTML) - Dallas Semiconductor


DS2740B Product details

DESCRIPTION
The DS2740 provides high-precision current-flow measurement data to support battery-capacity monitoring in cost-sensitive applications. Current is measured bidirectionally over a dynamic range of 15 bits (DS2740U) or 13 bits (DS2740UB), with the net flow accumulated in a separate 16-bit register. Through its 1-Wire interface, the DS2740 allows the host system read/write access to status and current measurement registers. Each device has a unique factory-programmed 64-bit net address that allows it to be individually addressed by the host system, supporting multibattery slot operation. The interface can be operated with standard or overdrive timing.

FEATURES
■ 15-Bit Bidirectional Current Measurement (DS2740)
    ■ 1.56μV LSB and ±51.2mV Dynamic Range
    ■ 78μA LSB and ±2.56A Dynamic Range with External 20mΩ Sense Resistor (RSNS)
    ■ 156μA LSB and ±5.12A Dynamic Range with External 10mΩ Sense Resistor (RSNS)
■ 13-Bit Bidirectional Current Measurement (DS2740B)
    ■ 6.25μV LSB and ±51.2mV Dynamic Range
    ■ 312μA LSB and ±2.56A Dynamic Range with External 20mΩ Sense Resistor (RSNS)
    ■ 625μA LSB and ±5.12A Dynamic Range with External 10mΩ Sense Resistor (RSNS)
■ Analog Input Filter (IS1, IS2) Extends Dynamic Range for Pulse-Load Applications
■ Current Accumulation Register Resolution
    ■ 6.25μVhr (Both DS2740 and DS2740B)
    ■ 0.3125mAhr with External 20mΩ RSNS
    ■ 0.6250mAhr with External 10mΩ RSNS
■ Dallas 1-Wire® Interface
    ■ Unique 64-Bit Device Address
    ■ Standard and Overdrive Timings (OVD)
■ Low Power Consumption:
    ■ Active Current: 65μA max
    ■ Sleep Current: 1μA max




Similar Part No. - DS2740B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2740BU MAXIM-DS2740BU Datasheet
311Kb / 16P
High-Precision Coulomb Counter
051805
DS2740BUTR MAXIM-DS2740BUTR Datasheet
311Kb / 16P
High-Precision Coulomb Counter
051805
More results


Similar Description - DS2740B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ26220 TI-BQ26220 Datasheet
250Kb / 19P
HIGH PERFORMANCE BATTERY MONITOR IC WITH COULOMB COUNTER, VOLTAGE AND TEMPERATURE MEASUREMENT
BQ26231 TI-BQ26231 Datasheet
232Kb / 18P
LOW COST BATTERY COULOMB COUNTER FOR EMBEDDED PORTABLE APPLICATIONS
logo
Linear Technology
LTC4150 LINER-LTC4150 Datasheet
136Kb / 12P
Coulomb Counter/ Battery Gas Gauge
logo
STMicroelectronics
STC3100 STMICROELECTRONICS-STC3100 Datasheet
292Kb / 21P
Battery monitor IC with Coulomb counter/gas gauge
27-Jan-2009
logo
Linear Technology
LTC4150 LINER-LTC4150_1 Datasheet
172Kb / 14P
Coulomb Counter/ Battery Gas Gauge
LTC4150 LINER-LTC4150_15 Datasheet
177Kb / 14P
Coulomb Counter/ Battery Gas Gauge
LTC3335 LINER-LTC3335_15 Datasheet
467Kb / 28P
Nanopower Buck-Boost DC/DC with Integrated Coulomb Counter
LTC3335 LINER-LTC3335 Datasheet
1Mb / 22P
Nanopower Buck-Boost DC/DC with Integrated Coulomb Counter
logo
Maxim Integrated Produc...
DS2740 MAXIM-DS2740 Datasheet
311Kb / 16P
High-Precision Coulomb Counter
051805
logo
Texas Instruments
TMAG6181-Q1 TI-TMAG6181-Q1 Datasheet
1Mb / 41P
TMAG6181-Q1 High-Precision Analog AMR Angle Sensor With Integrated Turns Counter
MARCH 2023
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com