Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJF31C Datasheet (PDF) - ON Semiconductor

MJF31C Datasheet PDF - ON Semiconductor
Part # MJF31C
Download  MJF31C Download
File Size   90.27 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3.0 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 100 VOLTS 28 WATTS

MJF31C Datasheet (PDF)

Go To PDF Page Download Datasheet
MJF31C Datasheet PDF - ON Semiconductor

Part # MJF31C
Download  MJF31C Click to download

File Size   90.27 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3.0 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 100 VOLTS 28 WATTS

MJF31C Datasheet (HTML) - ON Semiconductor


MJF31C Product details

Complementary Silicon Plastic Power Transistors for Isolated Package Applications



Designed for use in general purpose amplifier and switching applications.



Features

•Collector−Emitter Saturation Voltage −

  VCE(sat)= 1.2 Vdc (Max) @ IC= 3.0 Adc

•Collector−Emitter Sustaining Voltage −

  VCEO(sus)= 100 Vdc (Min)

•High Current Gain −Bandwidth Product

  fT= 3.0 MHz (Min) @ IC= 500 mAdc

•UL Recognized, File #E69369, to 3500 VRMSIsolation

•Pb−Free Packages are Available*




Similar Part No. - MJF31C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJF31C ONSEMI-MJF31C Datasheet
128Kb / 5P
Complementary Silicon Plastic Power Transistors
July, 2008 ??Rev. 5
MJF31CG ONSEMI-MJF31CG Datasheet
128Kb / 5P
Complementary Silicon Plastic Power Transistors
July, 2008 ??Rev. 5
MJF31C ONSEMI-MJF31C_08 Datasheet
128Kb / 5P
Complementary Silicon Plastic Power Transistors
July, 2008 ??Rev. 5
More results


Similar Description - MJF31C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N5989 MOTOROLA-2N5989 Datasheet
257Kb / 4P
12 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 40,60,80 VOLTS 100 WATTS
MJE243 MOTOROLA-MJE243 Datasheet
235Kb / 6P
4 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 100 VOLTS 15 WATTS
MJE270 MOTOROLA-MJE270 Datasheet
109Kb / 4P
2.0 AMPERE COMPLEMENTARY POWER DARLINGTON TRANSISTORS 100 VOLTS 15 WATTS
MJL21193 MOTOROLA-MJL21193 Datasheet
159Kb / 6P
16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS 200 WATTS
TIP29B MOTOROLA-TIP29B Datasheet
137Kb / 4P
1 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 80-100 VOLTS 30 WATTS
logo
ON Semiconductor
BDX53B ONSEMI-BDX53B Datasheet
169Kb / 6P
DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80-100 VOLTS 65 WATTS
1995 REV 7
D44VH ONSEMI-D44VH Datasheet
51Kb / 4P
Complementary Silicon Power Transistors 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS 83 WATTS
March, 2001 ??Rev. 2
MJE270 ONSEMI-MJE270 Datasheet
58Kb / 3P
2.0 AMPERE COMPLEMENTARY POWER DARLINGTON TRANSISTORS 100 VOLTS, 15 WATTS
January, 2006 ??Rev. 6
MJH6284 ONSEMI-MJH6284_06 Datasheet
82Kb / 5P
DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 100 VOLTS, 160 WATTS
July, 2006 ??Rev. 5
MJL21193 ONSEMI-MJL21193_07 Datasheet
152Kb / 6P
16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS, 200 WATTS
January, 2007 ??Rev. 5
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com