Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4937S Datasheet (PDF) - Leshan Radio Company

1N4937S Datasheet PDF - Leshan Radio Company
Part # 1N4937S
Download  1N4937S Download
File Size   238.96 Kbytes
Page   8 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Fast Switching Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A

1N4937S Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4937S Datasheet PDF - Leshan Radio Company

Part # 1N4937S
Download  1N4937S Click to download

File Size   238.96 Kbytes
Page   8 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Fast Switching Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A

1N4937S Datasheet (HTML) - Leshan Radio Company


1N4937S Product details

Reverse Voltage 50 to 600V Forward Current 1.0A



Feature & Dimensions

* Plastic package has Underwriters Laboratory

   Flammability Classification 94V-0

* High temperature metallurgically bonded construction

* Diffused junction

* Capable of meeting environmental standards of MIL-S-19500

* 1.0 A operation at TC=75°C with no thermal runaway

* For use in high frequency rectifier circuits

* Fast switching for high efficiency

* Typical IR less than 1.0µA

* High temperature soldering guaranteed: 260°C/10 seconds

* 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension



 




Similar Part No. - 1N4937S

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
1N4937S SEMTECH_ELEC-1N4937S Datasheet
151Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4937S CTC-1N4937S Datasheet
48Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Frontier Electronics.
1N4937S FRONTIER-1N4937S Datasheet
126Kb / 2P
1A FAST RECOVERY PLASTIC RECTIFIER
logo
Compact Technology Corp...
1N4937S CTC-1N4937S Datasheet
67Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1N4937S LRC-1N4937S_15 Datasheet
238Kb / 8P
Fast Switching Rectifiers
More results


Similar Description - 1N4937S

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
SF11 DACHANG-SF11 Datasheet
120Kb / 2P
Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
logo
Leshan Radio Company
1E1 LRC-1E1 Datasheet
219Kb / 7P
Fast Recovery ectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
LUR160 LRC-LUR160 Datasheet
115Kb / 4P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
SF11 LRC-SF11_14 Datasheet
223Kb / 7P
Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
SF11G LRC-SF11G Datasheet
241Kb / 7P
Glass Passivated Junction Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
UF4001G LRC-UF4001G Datasheet
261Kb / 7P
Uitra Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
1E5 LRC-1E5_15 Datasheet
219Kb / 7P
Reverse Voltage 50 to 600V Forward Current 1.0A
LUMA105 LRC-LUMA105 Datasheet
189Kb / 9P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
FR105 LRC-FR105 Datasheet
199Kb / 7P
Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A Fast Switching Rectifiers
LUMA160 LRC-LUMA160 Datasheet
189Kb / 9P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com