Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4944G Datasheet (PDF) - Leshan Radio Company

1N4944G Datasheet PDF - Leshan Radio Company
Part # 1N4944G
Download  1N4944G Download
File Size   199.98 Kbytes
Page   7 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 200 to 1000V Forward Current 1.0A

1N4944G Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4944G Datasheet PDF - Leshan Radio Company

Part # 1N4944G
Download  1N4944G Click to download

File Size   199.98 Kbytes
Page   7 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 200 to 1000V Forward Current 1.0A

1N4944G Datasheet (HTML) - Leshan Radio Company


1N4944G Product details

Reverse Voltage 200 to 1000V Forward Current 1.0A

Feature & Dimensions
* Plastic package has Underwriters Laboratory
   Flammability Classification 94V-0
* High temperature metallurgically bonded construction
* Cavity-free glass passivated junction
* Capable of meeting environmental standards of MIL-S-19500
* 1.0 A operation at TA=75°C with no thermal runaway
* For use in high frequency rectifier circuits
* Fast switching for high efficiency
* Typical IR less than 1.0µA
* High temperature soldering guaranteed: 260°C/10 seconds
* 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension




Similar Part No. - 1N4944G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
1N4944G RECTRON-1N4944G Datasheet
26Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Bytes
1N4944G BYTES-1N4944G Datasheet
153Kb / 2P
1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Formosa MS
1N4944G FORMOSA-1N4944G Datasheet
33Kb / 2P
1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
GOOD-ARK Electronics
1N4944G GOOD-ARK-1N4944G Datasheet
156Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
DAESAN ELECTRONIC CORP.
1N4944G DAESAN-1N4944G Datasheet
320Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 200 to 1000 Volts
More results


Similar Description - 1N4944G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LUR1100 LRC-LUR1100 Datasheet
358Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 800 to 1000V Forward Current 1.0A
RGP10MA LRC-RGP10MA Datasheet
176Kb / 7P
Glass Passivated Junction Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
RS1A LRC-RS1A Datasheet
180Kb / 9P
Glass Passivated Junction Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
SODF101-SH LRC-SODF101-SH Datasheet
319Kb / 11P
Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
1N4942G LRC-1N4942G Datasheet
199Kb / 7P
Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 200 to 1000V Forward Current 1.0A
1N4946G LRC-1N4946G Datasheet
199Kb / 7P
Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 200 to 1000V Forward Current 1.0A
1N4948G LRC-1N4948G Datasheet
334Kb / 3P
Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 200 to 1000V Forward Current 1.0A
FFMAF107 LRC-FFMAF107 Datasheet
248Kb / 9P
Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
FMAF407 LRC-FMAF407 Datasheet
223Kb / 9P
Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
SODF107-SH LRC-SODF107-SH Datasheet
319Kb / 11P
Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com