Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASC Datasheet (PDF) - Astrodyne Corporation

ASC Datasheet PDF - Astrodyne Corporation
Part # ASC_16
Download  ASC Download
File Size   1491.35 Kbytes
Page   3 Pages
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation
Description 30W Ul t raminiature Modular Swi tching Power Suppl ies

ASC Datasheet (PDF)

Go To PDF Page Download Datasheet
ASC Datasheet PDF - Astrodyne Corporation

Part # ASC_16
Download  ASC Click to download

File Size   1491.35 Kbytes
Page   3 Pages
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation
Description 30W Ul t raminiature Modular Swi tching Power Suppl ies

ASC Datasheet (HTML) - Astrodyne Corporation




Similar Part No. - ASC_16

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ASC ARCH-ASC_16 Datasheet
308Kb / 4P
AC-DC Power Module
More results


Similar Description - ASC_16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CP-SNT55W ETC2-CP-SNT55W Datasheet
80Kb / 1P
Swi tchmode power suppl ies
logo
Astrodyne Corporation
MCA-30 ASTRODYNE-MCA-30 Datasheet
1Mb / 5P
30W Ultraminiature Modular Switching Power Supplies
ANC ASTRODYNE-ANC_16 Datasheet
1Mb / 3P
15W Ul t raminiature Modular Swi tching Power Suppl ies
APC ASTRODYNE-APC_16 Datasheet
1Mb / 3P
5W Ul t raminiature Modular Swi tching Power Suppl ies
ATC ASTRODYNE-ATC_16 Datasheet
1Mb / 3P
10W Ul t raminiature Modular Swi tching Power Suppl ies
logo
Arch Electronics Corp.
AQF360U_SERIES ARCH-AQF360U_SERIES Datasheet
388Kb / 6P
U Bracket Switching Power Suppl
logo
Mean Well Enterprises C...
POB-30 MEANWELL-POB-30 Datasheet
345Kb / 10P
30W Driverless Modular LED Light Engine
logo
Infineon Technologies A...
AUIPS6044G INFINEON-AUIPS6044G Datasheet
512Kb / 14P
INTELLIGENT POWER HIGH SIDE SWI
May 15, 2012 Revision C
logo
HARTING Technology Grou...
09-12-008-4760 HARTING-09-12-008-4760 Datasheet
557Kb / 3P
Han Power T Modular Twin
2021-10-01
logo
ams AG
AS3610 AMSCO-AS3610 Datasheet
1Mb / 26P
Swi tching Charger for Li -Ion/LiPo/LiFePO4 powered devices
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com