Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF044 Datasheet (PDF) - Inchange Semiconductor Company Limited

IRF044 Datasheet PDF - Inchange Semiconductor Company Limited
Part # IRF044
Download  IRF044 Download
File Size   48.34 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Simple Drive Requirements

IRF044 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF044 Datasheet PDF - Inchange Semiconductor Company Limited

Part # IRF044
Download  IRF044 Click to download

File Size   48.34 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Simple Drive Requirements

IRF044 Datasheet (HTML) - Inchange Semiconductor Company Limited


IRF044 Product details

DESCRIPTION
• Drain Current ID=44A@ TC=25℃
• Drain Source Voltage-
   : VDSS= 60V(Min)
• Static Drain-Source On-Resistance
   : RDS(on) = 0.028Ω(Max)
• Simple Drive Requirements

APPLICATIONS
• Switching power supplies
• Motor controls,Inverters and Choppers
• Audio amplifiers and high energy pulse circuits.




Similar Part No. - IRF044

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
N-CHANNEL POWER MOSFET
logo
International Rectifier
IRF044 IRF-IRF044 Datasheet
146Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE)
IRF044 IRF-IRF044 Datasheet
147Kb / 7P
Repetitive Avalanche Ratings
logo
Seme LAB
IRF044SMD SEME-LAB-IRF044SMD Datasheet
21Kb / 2P
N-CHANNEL POWER MOSFET
logo
International Rectifier
IRF044 IRF-IRF044_15 Datasheet
147Kb / 7P
Repetitive Avalanche Ratings
More results


Similar Description - IRF044

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFAE30 IRF-IRFAE30_15 Datasheet
150Kb / 7P
Simple Drive Requirements
IRFE110 IRF-IRFE110_15 Datasheet
203Kb / 7P
Simple Drive Requirements
IRFE210 IRF-IRFE210_15 Datasheet
161Kb / 7P
Simple Drive Requirements
IRFE220 IRF-IRFE220_15 Datasheet
197Kb / 7P
Simple Drive Requirements
IRFE230 IRF-IRFE230_15 Datasheet
167Kb / 7P
Simple Drive Requirements
IRFE9220 IRF-IRFE9220_15 Datasheet
138Kb / 7P
Simple Drive Requirements
IRFF9210 IRF-IRFF9210_15 Datasheet
134Kb / 7P
Simple Drive Requirements
IRFM054 IRF-IRFM054_15 Datasheet
193Kb / 7P
Simple Drive Requirements
IRFM240 IRF-IRFM240_15 Datasheet
241Kb / 7P
Simple Drive Requirements
IRFM250 IRF-IRFM250_15 Datasheet
206Kb / 7P
Simple Drive Requirements
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com