Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF243 Datasheet (PDF) - Inchange Semiconductor Company Limited

IRF243 Datasheet PDF - Inchange Semiconductor Company Limited
Part # IRF243
Download  IRF243 Download
File Size   48.31 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Static Drain-Source On-Resistance

IRF243 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF243 Datasheet PDF - Inchange Semiconductor Company Limited

Part # IRF243
Download  IRF243 Click to download

File Size   48.31 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Static Drain-Source On-Resistance

IRF243 Datasheet (HTML) - Inchange Semiconductor Company Limited


IRF243 Product details

DESCRIPTION
• Drain Current ID=16A@ TC=25℃
• Drain Source Voltage- : VDSS= 150V(Min)
• Static Drain-Source On-Resistance : RDS(on) =0.22Ω(Max)

APPLICATIONS
• Switching power supplies
• Switching converters,motor driver,relay driver
• Audio amplifier and servo motors




Similar Part No. - IRF243

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF243 SAMSUNG-IRF243 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
IRF243 FAIRCHILD-IRF243 Datasheet
140Kb / 5P
N-Channel Power MOSFETs, 18A, 150-200V
logo
New Jersey Semi-Conduct...
IRF243R NJSEMI-IRF243R Datasheet
168Kb / 2P
Avalanche Energy Rated N-Channel Power MOSFETs
More results


Similar Description - IRF243

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SJ126 ISC-2SJ126 Datasheet
65Kb / 2P
Low Drain-Source ON Resistance
18N65 ISC-18N65 Datasheet
46Kb / 2P
Static Drain-Source On-Resistance
75N08 ISC-75N08 Datasheet
32Kb / 2P
Static Drain-Source On-Resistance
IRF240 ISC-IRF240 Datasheet
48Kb / 2P
Static Drain-Source On-Resistance
IRF241 ISC-IRF241 Datasheet
48Kb / 2P
Static Drain-Source On-Resistance
IRF242 ISC-IRF242 Datasheet
48Kb / 2P
Static Drain-Source On-Resistance
IRF244 ISC-IRF244 Datasheet
48Kb / 2P
Static Drain-Source On-Resistance
IRF245 ISC-IRF245 Datasheet
48Kb / 2P
Static Drain-Source On-Resistance
IRF247 ISC-IRF247 Datasheet
48Kb / 2P
Static Drain-Source On-Resistance
IRF320 ISC-IRF320 Datasheet
48Kb / 2P
Static Drain-Source On-Resistance
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com