Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5661 Datasheet (PDF) - Rohm

2SC5661 Datasheet PDF - Rohm
Part # 2SC5661
Download  2SC5661 Download
File Size   75.61 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description High-Frequency Amplifier Transistor (18V, 50mA, 1.5GHz)

2SC5661 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5661 Datasheet PDF - Rohm

Part # 2SC5661
Download  2SC5661 Click to download

File Size   75.61 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description High-Frequency Amplifier Transistor (18V, 50mA, 1.5GHz)

2SC5661 Datasheet (HTML) - Rohm


2SC5661 Product details

Features

1) High transition frequency. (Typ. fT = 1.5GHz)

2) Small rbb’⋅Ccand high gain. (Typ. 6ps)

3) Small NF.




Similar Part No. - 2SC5661

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5661 ROHM-2SC5661 Datasheet
193Kb / 4P
High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
2SC5661 ROHM-2SC5661 Datasheet
128Kb / 5P
High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
2SC5661 ROHM-2SC5661 Datasheet
193Kb / 4P
High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
2SC5661T2LP ROHM-2SC5661T2LP Datasheet
128Kb / 5P
High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
2SC5661 ROHM-2SC5661_09 Datasheet
193Kb / 4P
High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
More results


Similar Description - 2SC5661

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5659 ROHM-2SC5659 Datasheet
80Kb / 4P
High-frequency Amplifier Transistor(25V, 50mA, 300MHz)
2SC5662 ROHM-2SC5662 Datasheet
64Kb / 2P
High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
2SC4726 ROHM-2SC4726_1 Datasheet
74Kb / 3P
High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz)
2SC4725 ROHM-2SC4725_09 Datasheet
193Kb / 4P
High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
2SC4726 ROHM-2SC4726_10 Datasheet
153Kb / 3P
High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
2SC5659 ROHM-2SC5659_10 Datasheet
147Kb / 3P
High-frequency Amplifier Transistor (25V, 50mA, 300MHz)
2SC5661 ROHM-2SC5661_09 Datasheet
193Kb / 4P
High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
2SC3838KT146P ROHM-2SC3838KT146P Datasheet
98Kb / 3P
High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
2SC3837KT146P ROHM-2SC3837KT146P Datasheet
128Kb / 5P
High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
2SC4726TLP ROHM-2SC4726TLP Datasheet
98Kb / 3P
High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com