Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF1404 Datasheet (PDF) - Inchange Semiconductor Company Limited

IRF1404 Datasheet PDF - Inchange Semiconductor Company Limited
Part # IRF1404
Download  IRF1404 Download
File Size   139.55 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc N-Channel Mosfet Transistor

IRF1404 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF1404 Datasheet PDF - Inchange Semiconductor Company Limited

Part # IRF1404
Download  IRF1404 Click to download

File Size   139.55 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc N-Channel Mosfet Transistor

IRF1404 Datasheet (HTML) - Inchange Semiconductor Company Limited


IRF1404 Product details

Description
Seventh Generation HEXFET ® Power MOSFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications.

FEATURES
• Drain Current –ID= 162A@ TC=25℃
• Drain Source Voltage-
   : VDSS= 40V(Min)
• Static Drain-Source On-Resistance
   : RDS(on) = 0.004Ω (Max)
• Fast Switching




Similar Part No. - IRF1404

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1404 IRF-IRF1404 Datasheet
107Kb / 8P
Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A??
logo
Kersemi Electronic Co.,...
IRF1404 KERSEMI-IRF1404 Datasheet
2Mb / 8P
Advanced Process Technology Ultra Low On-Resistance
logo
International Rectifier
IRF1404L IRF-IRF1404L Datasheet
306Kb / 10P
Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A??
logo
Kersemi Electronic Co.,...
IRF1404L KERSEMI-IRF1404L Datasheet
1Mb / 10P
Ultra Low On-Resistance
logo
International Rectifier
IRF1404LPBF IRF-IRF1404LPBF Datasheet
329Kb / 12P
AUTOMOTIVE MOSFET
More results


Similar Description - IRF1404

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCB18101 ISC-ISCB18101 Datasheet
320Kb / 2P
isc N-Channel MOSFET Transistor
ISCD18130 ISC-ISCD18130 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
ISCF18118 ISC-ISCF18118 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
ISCN18117 ISC-ISCN18117 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
AOB2140L ISC-AOB2140L Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
ISCN1894 ISC-ISCN1894 Datasheet
325Kb / 2P
isc N-Channel MOSFET Transistor
IPA60R199CP ISC-IPA60R199CP Datasheet
333Kb / 2P
isc N-Channel MOSFET Transistor
IPA90R500C3 ISC-IPA90R500C3 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
STD7N80K5 ISC-STD7N80K5 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
2SK2543 ISC-2SK2543 Datasheet
338Kb / 2P
isc N-Channel MOSFET Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com