Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD2018 Datasheet (PDF) - Panasonic Semiconductor

2SD2018 Datasheet PDF - Panasonic Semiconductor
Part # 2SD2018
Download  2SD2018 Download
File Size   78.38 Kbytes
Page   3 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Silicon NPN epitaxial planar type darlington

2SD2018 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD2018 Datasheet PDF - Panasonic Semiconductor

Part # 2SD2018
Download  2SD2018 Click to download

File Size   78.38 Kbytes
Page   3 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Silicon NPN epitaxial planar type darlington

2SD2018 Datasheet (HTML) - Panasonic Semiconductor


2SD2018 Product details

Silicon NPN epitaxial planar type darlington

For low-frequency amplification

■ Features
• High forward current transfer ratio hFE
• Built-in 60 V Zener diode between base to collector




Similar Part No. - 2SD2018

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SD201 SAVANTIC-2SD201 Datasheet
109Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD201 ISC-2SD201 Datasheet
263Kb / 2P
isc Silicon NPN Power Transistor
logo
Rohm
2SD2010 ROHM-2SD2010 Datasheet
88Kb / 2P
1.2W PACKAGE POWER TAPED TRANSISTOR DESIGNED FOR USE WITH AN AUTOMATIC PLACEMENT MECHINE
2SD2010 ROHM-2SD2010 Datasheet
195Kb / 2P
TRANSISTORS TO 92L TO-92LS MRT
2SD2011 ROHM-2SD2011 Datasheet
88Kb / 2P
1.2W PACKAGE POWER TAPED TRANSISTOR DESIGNED FOR USE WITH AN AUTOMATIC PLACEMENT MECHINE
More results


Similar Description - 2SD2018

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1645 PANASONIC-2SD1645 Datasheet
104Kb / 2P
SILICON NPN EPITAXIAL PLANAR DARLINGTON TYPE AF AMPLIFIER
logo
Rohm
2SD1646 ROHM-2SD1646 Datasheet
48Kb / 1P
EPITAXIAL PLANAR NPN SILICON DARLINGTON TRANSISTOR
2SD1765 ROHM-2SD1765 Datasheet
46Kb / 1P
EPITAXIAL PLANAR NPN SILICON DARLINGTON TRANSISTOR
logo
List of Unclassifed Man...
2SD1536M ETC-2SD1536M Datasheet
48Kb / 1P
Epitaxial Planar NPN Silicon Darlington Transistors
logo
Rohm
2SD1638 ROHM-2SD1638 Datasheet
44Kb / 1P
EpItaxial Planar NPN Silicon Darlington Transistor
logo
Panasonic Semiconductor
PU3219 PANASONIC-PU3219 Datasheet
63Kb / 1P
Silicon NPN Epitaxial Planar Darlington Type
logo
Weitron Technology
PZTA14 WEITRON-PZTA14 Datasheet
182Kb / 4P
Darlington NPN Silicon Planar Epitaxial Transistor
logo
Continental Device Indi...
CFD1933 CDIL-CFD1933 Datasheet
92Kb / 3P
NPN EPITAXIAL PLANAR SILICON DARLINGTON TRANSISTOR
logo
SEMTECH ELECTRONICS LTD...
MMBTA13 SEMTECH_ELEC-MMBTA13 Datasheet
171Kb / 2P
NPN Silicon Epitaxial Planar Darlington Transistor
logo
Continental Device Indi...
MPSA28 CDIL-MPSA28 Datasheet
125Kb / 4P
NPN SILICON PLANAR EPITAXIAL DARLINGTON TRANSISTORS
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com