Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK3131 Datasheet (PDF) - Toshiba Semiconductor

2SK3131 Datasheet PDF - Toshiba Semiconductor
Part # 2SK3131
Download  2SK3131 Download
File Size   420.3 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Field Effect Transistor Silicon N Channel MOS Type

2SK3131 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK3131 Datasheet PDF - Toshiba Semiconductor

Part # 2SK3131
Download  2SK3131 Click to download

File Size   420.3 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Field Effect Transistor Silicon N Channel MOS Type

2SK3131 Datasheet (HTML) - Toshiba Semiconductor


2SK3131 Product details

Chopper Regulator DC−DC Converter and Motor Drive Applications

• Fast reverse recovery time : trr = 105 ns (typ.)
• Built-in high-speed free-wheeling diode
• Low drain−source ON resistance : RDS (ON) = 0.085 Ω (typ.)
• High forward transfer admittance : |Yfs| = 35 S (typ.)
• Low leakage current : IDSS = 100 μA (max) (VDS = 500 V)
• Enhancement mode : Vth = 2.4 to 3.4 V (VDS = 10 V, ID = 1 mA)




Similar Part No. - 2SK3131

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3131 TOSHIBA-2SK3131 Datasheet
712Kb / 6P
Silicon N Channel MOS Type Chopper Regulator DC−DC Converter and Motor Drive Applications
2SK3131 TOSHIBA-2SK3131 Datasheet
432Kb / 6P
Chopper Regulator DC−DC Converter and Motor Drive Applications
2SK3131 TOSHIBA-2SK3131 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK3131 ISC-2SK3131 Datasheet
327Kb / 2P
isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK3131 TOSHIBA-2SK3131_06 Datasheet
712Kb / 6P
Silicon N Channel MOS Type Chopper Regulator DC−DC Converter and Motor Drive Applications
More results


Similar Description - 2SK3131

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK1488 TOSHIBA-2SK1488 Datasheet
193Kb / 5P
Field Effect Transistor Silicon N Channel MOS Type
2SK2057 TOSHIBA-2SK2057 Datasheet
74Kb / 2P
Field Effect Transistor Silicon N Channel MOS Type
2SK2078 TOSHIBA-2SK2078 Datasheet
213Kb / 5P
Field Effect Transistor Silicon N Channel MOS Type
2SK1600 TOSHIBA-2SK1600 Datasheet
674Kb / 9P
FIELD EFFECT TRANSISTOR SILICON N-CHANNEL MOS TYPE
TPCT4204 TOSHIBA-TPCT4204 Datasheet
124Kb / 4P
Field Effect Transistor Silicon N Channel MOS Type
SSM3K37MFV TOSHIBA-SSM3K37MFV Datasheet
166Kb / 5P
Field-Effect Transistor Silicon N-Channel MOS Type
SSM6N42FE TOSHIBA-SSM6N42FE Datasheet
194Kb / 6P
Field-Effect Transistor Silicon N-Channel MOS Type
HN1K06FU TOSHIBA-HN1K06FU Datasheet
123Kb / 5P
Field Effect Transistor Silicon N Channel MOS Type
2SK1078 TOSHIBA-2SK1078 Datasheet
343Kb / 5P
Field Effect Transistor Silicon N Channel MOS Type
2SK1769 TOSHIBA-2SK1769 Datasheet
142Kb / 2P
Field Effect Transistor Silicon N Channel MOS Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com