Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78L00A Datasheet (PDF) - List of Unclassifed Manufacturers

78L00A Datasheet PDF - List of Unclassifed Manufacturers
Part # 78L00A
Download  78L00A Download
File Size   81.48 Kbytes
Page   7 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Three-Terminal Low Current Positive Voltage Regulators

78L00A Datasheet (PDF)

Go To PDF Page Download Datasheet
78L00A Datasheet PDF - List of Unclassifed Manufacturers

Part # 78L00A
Download  78L00A Click to download

File Size   81.48 Kbytes
Page   7 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Three-Terminal Low Current Positive Voltage Regulators

78L00A Datasheet (HTML) - List of Unclassifed Manufacturers


78L00A Product details

[PLANETA JSC]



DESCRIPTION

The 78L00A Series of three terminal positive voltage regulators is available with several fixed output voltages making them useful in a wide range of applications. These regulators are inexpensive, vise-to-use devices suitable for a multitude of applications that require a regulated supply of up to 100 mA. These regulators feature internal current limiting and thermal shutdown making them remarkably rugged. No external components are required with the 78L00A devices in many applications.

These devices offer a substantial performance advantage over the traditional zener diode-resistor combination, as output impedance and quiescent current are substantionally reduced.

The voltages available allow the 78L00A to be used in logic systems, instrumentation, HiFi, and other solid state electronic equipment. The 78L00A is available in 3-Pin plastic package SOT54 (Z), 3-Pin mini power plastic package SOT89 (F) and the 8-Pin plastic package SO8 (D) offers superior quality and performance at low cost.



FEATURES

► High Output Current

   IO= 100 mA

► Fixed Output Voltage

   VO= 5 V, 6 V, 8 V, 12 V, 15 V

► Complementary Negative Regulators 79L00A Series

► Available in either ±5% (AC) Selection



 




Similar Part No. - 78L00A

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
78L03 KEXIN-78L03 Datasheet
365Kb / 1P
Three-Terminal Voltage Regulator
logo
NEC
78L05 NEC-78L05 Datasheet
387Kb / 12P
THREE TERMINAL POSITIVE VOLTAGE REGULATORS?
logo
National Semiconductor ...
78L05 NSC-78L05 Datasheet
211Kb / 12P
3-Terminal Positive Regulators
logo
STMicroelectronics
78L05 STMICROELECTRONICS-78L05 Datasheet
145Kb / 19P
POSITIVE VOLTAGE REGULATORS
Jul-2003
logo
List of Unclassifed Man...
78L05 ETC1-78L05 Datasheet
253Kb / 2P
LINEAR INTEGRATED CIRCUITS 3-TERMINAL VOLATGE REGULATORS
More results


Similar Description - 78L00A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78L00A ONSEMI-MC78L00A Datasheet
101Kb / 16P
Three-Terminal Low Current Positive Voltage Regulators
December, 2004 ??Rev. 9
logo
Integral Corp.
IL78L INTEGRAL-IL78L Datasheet
133Kb / 5P
THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
IL79L INTEGRAL-IL79L Datasheet
122Kb / 4P
THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
PL78L06XA3 CYSTEKEC-PL78L06XA3 Datasheet
151Kb / 4P
Three Terminal Low Current Positive Voltage Regulators
PL78L08XA3 CYSTEKEC-PL78L08XA3 Datasheet
150Kb / 4P
Three Terminal Low Current Positive Voltage Regulators
PL78L09XA3 CYSTEKEC-PL78L09XA3 Datasheet
151Kb / 4P
Three Terminal Low Current Positive Voltage Regulators
PL78L12XA3 CYSTEKEC-PL78L12XA3 Datasheet
150Kb / 4P
Three Terminal Low Current Positive Voltage Regulators
logo
Sirectifier Semiconduct...
BL78LXX SIRECTIFIER-BL78LXX Datasheet
224Kb / 8P
Three-Terminal Low Current Positive Voltage Regulators
logo
Galaxy Semi-Conductor H...
BL78LXX BILIN-BL78LXX Datasheet
169Kb / 8P
Three-Terminal Low Current Positive Voltage Regulators
Rev.A
BL78XX BILIN-BL78XX Datasheet
206Kb / 11P
Three-Terminal Low Current Positive Voltage Regulators
Rev.A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com