Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1837 Datasheet (PDF) - Analog Devices

AD1837 Datasheet PDF - Analog Devices
Part # AD1837
Download  AD1837 Download
File Size   523.47 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2 ADC, 8 DAC, 96 kHz, 24-Bit Codec

AD1837 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1837 Datasheet PDF - Analog Devices

Part # AD1837
Download  AD1837 Click to download

File Size   523.47 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2 ADC, 8 DAC, 96 kHz, 24-Bit Codec

AD1837 Datasheet (HTML) - Analog Devices


AD1837 Product details

PRODUCT OVERVIEW
The AD1837 is a high performance single-chip codec featuring four stereo DACs and one stereo ADC. Each DAC comprises a high performance digital interpolation filter, a multibit Σ-Δ modulator featuring Analog Devices’ patented technology, and a continuous-time voltage out analog section. Each DAC has independent volume control and clickless mute functions. The ADC comprises two 24-bit conversion channels with multibit Σ-Δ modulators and decimation filters.

FEATURES
    5 V Stereo Audio System with 3.3 V Tolerant
        Digital Interface
    Supports up to 96 kHz Sample Rates
    192 kHz Sample Rate Available on One DAC
    Supports 16-/20-/24-Bit Word Lengths
    Multibit Σ-Δ Modulators with
        Perfect Differential Linearity Restoration for
        Reduced Idle Tones and Noise Floor
    Data Directed Scrambling DACs—Least
        Sensitive to Jitter
    Single-Ended Outputs
        ADCs: –95 dB THD + N, 105 dB SNR and
            Dynamic Range
        DACs: –92 dB THD + N, 108 dB SNR and
            Dynamic Range
    On-Chip Volume Controls per Channel with
        1024-Step Linear Scale
    DAC and ADC Software Controllable Clickless Mutes
    Digital De-emphasis Processing
    Supports 256 x fS, 512 x fS, and 768 x fS Master Mode
        Clocks
    Power-Down Mode Plus Soft Power-Down Mode
    Flexible Serial Data Port with Right-Justified, Left Justified, I2S Compatible, and DSP Serial Port Modes
    TDM Interface Mode Supports 8 In/8 Out Using a
        Single SHARC® SPORT
    52-Lead MQFP Plastic Package

APPLICATIONS
    DVD Video and Audio Players
    Home Theater Systems
    Automotive Audio Systems
    Audio/Visual Receivers
    Digital Audio Effects Processors




Similar Part No. - AD1837

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1837A AD-AD1837A Datasheet
401Kb / 24P
2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
1/04-Data Sheet changed from REV. 0 to REV. A.
AD1837AAS AD-AD1837AAS Datasheet
401Kb / 24P
2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
1/04-Data Sheet changed from REV. 0 to REV. A.
AD1837AAS-REEL AD-AD1837AAS-REEL Datasheet
401Kb / 24P
2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
1/04-Data Sheet changed from REV. 0 to REV. A.
AD1837AASZ AD-AD1837AASZ Datasheet
401Kb / 24P
2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
1/04-Data Sheet changed from REV. 0 to REV. A.
AD1837AASZ-REEL AD-AD1837AASZ-REEL Datasheet
401Kb / 24P
2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
1/04-Data Sheet changed from REV. 0 to REV. A.
More results


Similar Description - AD1837

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1835 AD-AD1835 Datasheet
326Kb / 23P
2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
AD1838 AD-AD1838 Datasheet
424Kb / 24P
2 ADC, 6 DAC,96 kHz, 24-Bit Codec
REV.0
AD1837A AD-AD1837A Datasheet
401Kb / 24P
2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
1/04-Data Sheet changed from REV. 0 to REV. A.
AD1835 AD-AD1835_15 Datasheet
705Kb / 24P
2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
AD1835A AD-AD1835A_15 Datasheet
281Kb / 24P
2 ADC, 8 DAC, 96 kHz, 24-Bit Codecs
REV. A
AD1837 AD-AD1837_15 Datasheet
533Kb / 24P
2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
AD1837A AD-AD1837A_15 Datasheet
407Kb / 24P
2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. A
AD1838 AD-AD1838_15 Datasheet
501Kb / 24P
2 ADC, 6 DAC, 96 kHz, 24-Bit Codec
REV. A
AD1838A AD-AD1838A_15 Datasheet
537Kb / 24P
2 ADC, 6 DAC, 96 kHz, 24-Bit Codec
REV. A
AD1839 AD-AD1839_15 Datasheet
325Kb / 24P
2 ADC, 6 DAC, 96 kHz, 24-Bit Codec
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com