Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U350 Datasheet (PDF) - InterFET Corporation

U350 Datasheet PDF - InterFET Corporation
Part # U350
Download  U350 Download
File Size   99.44 Kbytes
Page   1 Pages
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation
Description Hybrid Quad Silicon Junction Field-Effect Transistor Array

U350 Datasheet (PDF)

Go To PDF Page Download Datasheet
U350 Datasheet PDF - InterFET Corporation

Part # U350
Download  U350 Click to download

File Size   99.44 Kbytes
Page   1 Pages
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation
Description Hybrid Quad Silicon Junction Field-Effect Transistor Array

U350 Datasheet (HTML) - InterFET Corporation


U350 Product details

Hybrid Quad Silicon Junction Field-Effect Transistor Array

● Analog Multiplier
● VHF Double-Balanced Mixer

Absolute maximum ratings at TA = 25¡C.
   Reverse Gate Source & Reverse Gate Drain Voltage – 25 V
   Gate Current 25 mA
   Continuous Device Power Dissipation  400 mW
   Power Derating 3.2 mW/°C




Similar Part No. - U350

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U3500BM TEMIC-U3500BM Datasheet
226Kb / 17P
Cordless Telephone Signal Processor
U3500BM-BFL TEMIC-U3500BM-BFL Datasheet
226Kb / 17P
Cordless Telephone Signal Processor
U3500BM-BFLG3 TEMIC-U3500BM-BFLG3 Datasheet
226Kb / 17P
Cordless Telephone Signal Processor
U3501BM TEMIC-U3501BM Datasheet
317Kb / 20P
Cordless Telephone Signal Processor
More results


Similar Description - U350

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
NJ14AL INTERFET-NJ14AL Datasheet
127Kb / 2P
Silicon Junction Field-Effect Transistor
NJ26 INTERFET-NJ26 Datasheet
126Kb / 2P
Silicon Junction Field-Effect Transistor
NJ36D INTERFET-NJ36D Datasheet
128Kb / 2P
Silicon Junction Field-Effect Transistor
NJ42 INTERFET-NJ42 Datasheet
128Kb / 2P
Silicon Junction Field-Effect Transistor
NJ72L INTERFET-NJ72L Datasheet
127Kb / 2P
Silicon Junction Field-Effect Transistor
NJ132 INTERFET-NJ132 Datasheet
123Kb / 2P
Silicon Junction Field-Effect Transistor
NJ450 INTERFET-NJ450 Datasheet
126Kb / 2P
Silicon Junction Field-Effect Transistor
NJ450L INTERFET-NJ450L Datasheet
127Kb / 2P
Silicon Junction Field-Effect Transistor
NJ903L INTERFET-NJ903L Datasheet
126Kb / 2P
Silicon Junction Field-Effect Transistor
PJ99 INTERFET-PJ99 Datasheet
128Kb / 2P
Silicon Junction Field-Effect Transistor
More results




About InterFET Corporation


InterFET Corporation is a semiconductor company that specializes in the design and manufacture of high-performance, precision, and low-noise analog transistors. They offer a wide range of products including JFETs (Junction Field-Effect Transistors), MOSFETs (Metal-Oxide-Semiconductor Field-Effect Transistors), and other specialized transistors.

InterFET serves a variety of industries, including aerospace, medical, military, and telecommunications. Their transistors are used in a variety of applications such as signal amplification, filtering, voltage regulation, and precision measurement.

The company was founded in 1981 and is headquartered in California, USA. They have a strong commitment to research and development, and are dedicated to providing high-quality and reliable products to their customers. In addition to their standard products, InterFET also provides customized solutions to meet specific customer requirements.

Overall, InterFET is a trusted and reliable supplier of high-performance analog transistors, with a strong reputation for quality and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com