Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5346 Datasheet (PDF) - Analog Devices

AD5346 Datasheet PDF - Analog Devices
Part # AD5346
Download  AD5346 Download
File Size   949.92 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.5 V to 5.5 V, Parallel Interface 2.5 V to 5.5 V, Parallel Interface

AD5346 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5346 Datasheet PDF - Analog Devices

Part # AD5346
Download  AD5346 Click to download

File Size   949.92 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.5 V to 5.5 V, Parallel Interface 2.5 V to 5.5 V, Parallel Interface

AD5346 Datasheet (HTML) - Analog Devices


AD5346 Product details

CGENERAL DESCRIPTION

The AD5346/AD5347/AD53481 are octal 8-,10-,and 12-bit DACs,operating froma 2.5 V to 5.5 V supply. These devices incorporatean on-chipoutput buffer that can drive the output to both supply rails, and also allow a choice of buffered or unbuffered reference input.



FEATURES

AD5346: octal 8-bit DAC

AD5347: octal 10-bit DAC

AD5348: octal 12-bit DAC

Low power operation: 1.4 mA(max) @ 3.6 V

Power-down to 120 nA @ 3 V,400 nA @ 5 V

Guaranteedmonotonic bydesignover all codes

Rail-to-railoutputrange:0 V to VREFor 0 V to 2 × VREF Power-onresetto0 V

Simultaneous update of DAC outputs via LDAC pin

Asynchronous CLR facility

Readback

Buffered/unbuffered reference inputs 20 ns WR time

38-lead TSSOP/6 mm × 6 mm40-lead LFCSP packaging Temperature range: –40°C to +105°



APPLICATIONS

Portablebattery-poweredinstruments

Digital gainand offsetadjustment

Programmable voltage and current sources

Opticalnetworking

Automatic test equipment

Mobile communications

Programmable attenuators

Industrialprocess control




Similar Part No. - AD5346

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5346 AD-AD5346 Datasheet
476Kb / 24P
2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5346BRUZ AD-AD5346BRUZ Datasheet
476Kb / 24P
2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5346 AD-AD5346_15 Datasheet
476Kb / 24P
2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
REV. 0
More results


Similar Description - AD5346

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5334BRUZ AD-AD5334BRUZ Datasheet
384Kb / 20P
2.5 V to 5.5 V, 500 muA, Parallel Interface
REV. 0
AD5339BRMZ AD-AD5339BRMZ Datasheet
593Kb / 28P
2.5 V to 5.5 V, 250 muA, 2-Wire Interface
REV. C
AD5305 AD-AD5305_06 Datasheet
565Kb / 24P
2.5 V to 5.5 V, 500 關A, 2-Wire Interface Interface
Rev. G
AD5346BRUZ AD-AD5346BRUZ Datasheet
476Kb / 24P
2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5336 AD-AD5336_15 Datasheet
384Kb / 20P
2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5342 AD-AD5342_15 Datasheet
327Kb / 20P
2.5 V to 5.5 V, 230A, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5343 AD-AD5343_15 Datasheet
327Kb / 20P
2.5 V to 5.5 V, 230A, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5346 AD-AD5346_15 Datasheet
476Kb / 24P
2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5347 AD-AD5347_15 Datasheet
476Kb / 24P
2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5348 AD-AD5348_15 Datasheet
476Kb / 24P
2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com