Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7274BRM Datasheet (PDF) - Analog Devices

AD7274BRM Datasheet PDF - Analog Devices
Part # AD7274BRM
Download  AD7274BRM Download
File Size   243.76 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3MSPS,10-/12-Bit ADCs in 8-Lead TSOT

AD7274BRM Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7274BRM Datasheet PDF - Analog Devices

Part # AD7274BRM
Download  AD7274BRM Click to download

File Size   243.76 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3MSPS,10-/12-Bit ADCs in 8-Lead TSOT

AD7274BRM Datasheet (HTML) - Analog Devices


AD7274BRM Product details

GENERAL DESCRIPTION
The AD7273/AD7274 are 10-bit and 12-bit, high speed, low power, successive-approximation ADCs respectively. The parts operate from a single 2.35V to 3.6 V power supply and feature throughput rates up to 3 MSPS. The parts contain a low-noise, wide bandwidth track/hold amplifier which can handle input frequencies in excess of TBD MHz.
The AD7273/AD7274 use advanced design techniques to achieve very low power dissipation at high throughput rates.
The reference for the parts is applied externally and can be in the range of 1.2V to VDD. This allows the widest dynamic input range to the ADC.

FEATURES
   Fast Throughput Rate: 3MSPS
   Specified for VDD of 2.35 V to 3.6V
   Low Power:
      13.5 mW max at 3MSPS with 3V Supplies
   Wide Input Bandwidth:
      70dB SNR at 1MHz Input Frequency
   Flexible Power/Serial Clock Speed Management
   No Pipeline Delays
   High Speed Serial Interface
      SPI™/QSPI™/MICROWIRE™/DSP Compatible
   Power Down Mode: 1µA max
   8-Lead TSOT Package
   8-Lead MSOP Package

APPLICATIONS
   Battery-Powered Systems
      Personal Digital Assistants
      Medical Instruments
      Mobile Communications
   Instrumentation and Control Systems
   Data Acquisition Systems
   High-Speed Modems
   Optical Sensors




Similar Part No. - AD7274BRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7274BRM AD-AD7274BRM Datasheet
1Mb / 28P
3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7274BRM AD-AD7274BRM Datasheet
549Kb / 29P
3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7274BRMZ AD-AD7274BRMZ Datasheet
1Mb / 28P
3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7274BRMZ AD-AD7274BRMZ Datasheet
1Mb / 28P
3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7274BRMZ-REEL AD-AD7274BRMZ-REEL Datasheet
1Mb / 28P
3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
More results


Similar Description - AD7274BRM

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2365 LINER-LTC2365 Datasheet
286Kb / 24P
1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
logo
Analog Devices
AD7274BRMZ AD-AD7274BRMZ Datasheet
1Mb / 28P
3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7276 AD-AD7276 Datasheet
501Kb / 28P
3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7273BRMZ AD-AD7273BRMZ Datasheet
1Mb / 28P
3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7273BRMZ AD-AD7273BRMZ Datasheet
549Kb / 29P
3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7273 AD-AD7273_15 Datasheet
605Kb / 29P
3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7274 AD-AD7274_15 Datasheet
605Kb / 29P
3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7278 AD-AD7278_15 Datasheet
717Kb / 29P
3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
logo
Linear Technology
LTC2365 LINER-LTC2365_15 Datasheet
377Kb / 24P
1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2366 LINER-LTC2366_15 Datasheet
377Kb / 24P
1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com