Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7938 Datasheet (PDF) - Analog Devices

AD7938 Datasheet PDF - Analog Devices
Part # AD7938
Download  AD7938 Download
File Size   1332.12 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer

AD7938 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7938 Datasheet PDF - Analog Devices

Part # AD7938
Download  AD7938 Click to download

File Size   1332.12 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer

AD7938 Datasheet (HTML) - Analog Devices


AD7938 Product details

GENERAL DESCRIPTION

The AD7938/AD7939 are 12-bit and 10-bit,high speed,low power,successive approximation (SAR) ADCs. The parts operate from a single 2.7 V to5.25 V power supply and feature throughput rates up to1.5 MSPS.The parts contain a low noise, wideband width,differential track-and-hold amplifier that can handle input frequencies up to50 MHz.



FEATURES

Fast throughput rate:1.5 MSPS

Specified for VDDof 2.7 V to 5.25 V

Low power

  6 mW max at 1.5 MSPS with 3 V supplies

  13.5 mWmax at1.5 MSPS with5 V supplies

8 analog input channels with a sequencer

Software configurable analoginputs

  8-channel single-ended inputs

  4-channel fully differential inputs

  4-channel pseudo-differential inputs

  7-channel pseudo-differential inputs

Accurate on-chip 2.5 V reference

±0.2% max@ 25°C, 25 ppm/°C max

70 dB SINAD at50 kHz input frequency

Nopipeline delays

High speed parallel interface—word/byte modes

Full shutdown mode: 2 µA max

32-leadLFCSP and TQFP package




Similar Part No. - AD7938

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7938 AD-AD7938 Datasheet
629Kb / 36P
8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
Oct-2016
AD7938 AD-AD7938 Datasheet
561Kb / 36P
8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
AD7938-6 AD-AD7938-6 Datasheet
762Kb / 32P
8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
10/04-Revision 0
AD7938-6 AD-AD7938-6 Datasheet
819Kb / 33P
8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
23-Feb-2017
AD7938-6 AD-AD7938-6 Datasheet
599Kb / 32P
8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
REV. C
More results


Similar Description - AD7938

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7933 AD-AD7933 Datasheet
1Mb / 32P
4-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
Aug-2004
AD7938-6 AD-AD7938-6 Datasheet
762Kb / 32P
8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
10/04-Revision 0
AD7938BSUZ AD-AD7938BSUZ Datasheet
561Kb / 36P
8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
AD7934BRUZ-REEL7 AD-AD7934BRUZ-REEL7 Datasheet
768Kb / 32P
4-Channel, 1.5 MSPS, 10-Bit and 12-Bit Parallel ADCs with a Sequencer
REV. B
AD7933 AD-AD7933_15 Datasheet
768Kb / 32P
4-Channel, 1.5 MSPS, 10-Bit and 12-Bit Parallel ADCs with a Sequencer
REV. B
AD7934 AD-AD7934_15 Datasheet
768Kb / 32P
4-Channel, 1.5 MSPS, 10-Bit and 12-Bit Parallel ADCs with a Sequencer
REV. B
AD7938 AD-AD7938_15 Datasheet
561Kb / 36P
8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
AD7939 AD-AD7939_15 Datasheet
561Kb / 36P
8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
AD7938 AD-AD7938_17 Datasheet
629Kb / 36P
8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
Oct-2016
AD7938-6 AD-AD7938-6_17 Datasheet
819Kb / 33P
8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com