Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8065 Datasheet (PDF) - Analog Devices

AD8065 Datasheet PDF - Analog Devices
Part # AD8065
Download  AD8065 Download
File Size   364.46 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance, 145 MHz FastFET??Op Amps

AD8065 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8065 Datasheet PDF - Analog Devices

Part # AD8065
Download  AD8065 Click to download

File Size   364.46 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance, 145 MHz FastFET??Op Amps

AD8065 Datasheet (HTML) - Analog Devices


AD8065 Product details

GENERAL DESCRIPTION

The AD8065/AD80661 FastFET amplifiers are voltage feedback amplifiers with FET inputs offering high performance and ease of use. The AD8065 is a single amplifier, and the AD8066 is a dual amplifier. These amplifiers are developed in the Analog Devices, Inc. proprietary XFCB process and allow exceptionally low noise operation (7.0 nV/√Hz and 0.6 fA/√Hz) as well as very high input impedance.



FEATURES

FET input amplifier

1 pA input bias current

Low cost

High speed: 145 MHz, −3 dB bandwidth (G = +1)

180 V/µs slew rate (G = +2)

Low noise

  7 nV/√Hz (f = 10 kHz)

  0.6 fA/√Hz (f = 10 kHz)

Wide supply voltage range: 5 V to 24 V

Single-supply and rail-to-rail output

Low offset voltage 1.5 mV max

High common-mode rejection ratio: −100 dB

Excellent distortion specifications

SFDR −88 dB @ 1 MHz

Low power: 6.4 mA/amplifier typical supply current

No phase reversal

Small packaging: SOIC-8, SOT-23-5, and MSOP



APPLICATIONS

Instrumentation

Photodiode preamps

Filters

A/D drivers

Level shifting

Buffering




Similar Part No. - AD8065

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8065 AD-AD8065 Datasheet
860Kb / 32P
Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
7/04-Revision 0
AD8065 AD-AD8065 Datasheet
547Kb / 28P
High Performance, 145 MHz FastFET??Op Amps
Rev. G
AD8065 AD-AD8065 Datasheet
924Kb / 24P
Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Rev. G
AD8065 AD-AD8065 Datasheet
726Kb / 28P
12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. E
AD8065 AD-AD8065 Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Rev. D
More results


Similar Description - AD8065

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8033 AD-AD8033 Datasheet
374Kb / 20P
Low Cost, 80 MHz FastFET ??Op Amps
9/08-Rev. C to Rev. D
AD8065 AD-AD8065_06 Datasheet
547Kb / 28P
High Performance, 145 MHz FastFET??Op Amps
Rev. G
AD8034ARZ AD-AD8034ARZ Datasheet
494Kb / 24P
Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034ARTZ-REEL7 AD-AD8034ARTZ-REEL7 Datasheet
620Kb / 25P
Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8065WARTZ-R7 AD-AD8065WARTZ-R7 Datasheet
617Kb / 29P
High Performance, 145 MHz FastFET Op Amps
Rev. J
AD8033AKSZ AD-AD8033AKSZ Datasheet
620Kb / 25P
Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033 AD-AD8033_15 Datasheet
620Kb / 25P
Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034 AD-AD8034_15 Datasheet
620Kb / 25P
Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8065 AD-AD8065_15 Datasheet
617Kb / 29P
High Performance, 145 MHz FastFET Op Amps
Rev. J
AD8066 AD-AD8066_15 Datasheet
617Kb / 29P
High Performance, 145 MHz FastFET Op Amps
Rev. J
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com