Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8555 Datasheet (PDF) - Analog Devices

AD8555 Datasheet PDF - Analog Devices
Part # AD8555
Download  AD8555 Download
File Size   503.65 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Zero-Drift, Digitally Programmable Sensor Signal Amplifier

AD8555 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8555 Datasheet PDF - Analog Devices

Part # AD8555
Download  AD8555 Click to download

File Size   503.65 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Zero-Drift, Digitally Programmable Sensor Signal Amplifier

AD8555 Datasheet (HTML) - Analog Devices


AD8555 Product details

GENERAL DESCRIPTION
The AD8555 is a zero-drift, sensor signal amplifier with digitally programmable gain and output offset. Designed to easily and accurately convert variable pressure sensor and strain bridge outputs to a well-defined output voltage range, the AD8555 also accurately amplifies many other differential or single-ended sensor outputs. The AD8555 uses the ADI patented low noise auto-zero and DigiTrim® technologies to create an incredibly accurate and flexible signal processing solution in a very compact footprint.

FEATURES
   Very low offset voltage: 10 µV maximum over temperature
   Very low input offset voltage drift: 60 nV/°C maximum
   High CMRR: 96 dB minimum
   Digitally programmable gain and output offset voltage
   Single-wire serial interface
   Open and short wire fault detection
   Low-pass filtering
   Stable with any capacitive load
   Externally programmable output clamp voltage for driving
      low voltage ADCs
   LFCSP-16 and SOIC-8 packages
   2.7 V to 5.5 V operation
   −40°C to +125°C operation

APPLICATIONS
   Pressure and position sensors
   Thermocouple amplifiers
   Industrial weigh scales
   Precision current sensing
   Strain gages




Similar Part No. - AD8555

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8555 AD-AD8555 Datasheet
595Kb / 24P
Precision, Dual-Channel Instrumentation Amplifier
7/06-Revision 0
AD8555 AD-AD8555 Datasheet
725Kb / 24P
Zero Drift, Digitally Programmable Instrumentation Amplifier
Rev. E
AD8555 AD-AD8555 Datasheet
696Kb / 29P
Zero-Drift, Digitally Programmable Sensor Signal Amplifier
Rev. B
AD85551 AD-AD85551 Datasheet
217Kb / 10P
10 MHz, 20 V/關s, G = 1, 10, 100, 1000 i CMOS짰 Programmable Gain Instrumentation Amplifier
4/07-Revision 0
AD8555ACPZ-R2 AD-AD8555ACPZ-R2 Datasheet
696Kb / 29P
Zero-Drift, Digitally Programmable Sensor Signal Amplifier
Rev. B
More results


Similar Description - AD8555

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8231 AD-AD8231 Datasheet
630Kb / 20P
Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. 0
AD8231 AD-AD8231_1 Datasheet
686Kb / 24P
Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. A
AD8555 AD-AD8555_09 Datasheet
616Kb / 28P
Zero-Drift, Digitally Programmable Sensor Signal Amplifier
REV. A
AD8557ARZ AD-AD8557ARZ Datasheet
508Kb / 24P
Digitally Programmable Sensor Signal Amplifier
REV. C
AD8231 AD-AD8231_15 Datasheet
589Kb / 24P
Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. B
AD8555 AD-AD8555_15 Datasheet
616Kb / 28P
Zero-Drift, Digitally Programmable
Rev. A
AD8231 AD-AD8231_16 Datasheet
668Kb / 25P
Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. C
AD8557 AD-AD8557_16 Datasheet
585Kb / 25P
Digitally Programmable Sensor Signal Amplifier
Rev. D
AD8231 AD-AD8231_V01 Datasheet
725Kb / 24P
Zero Drift, Digitally Programmable Instrumentation Amplifier
Rev. E
AD8555 AD-AD8555_V01 Datasheet
696Kb / 29P
Zero-Drift, Digitally Programmable Sensor Signal Amplifier
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com