Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4153 Datasheet (PDF) - Analog Devices

ADF4153 Datasheet PDF - Analog Devices
Part # ADF4153
Download  ADF4153 Download
File Size   354.92 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Fractional-N Frequency Synthesizer

ADF4153 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADF4153 Datasheet PDF - Analog Devices

Part # ADF4153
Download  ADF4153 Click to download

File Size   354.92 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Fractional-N Frequency Synthesizer

ADF4153 Datasheet (HTML) - Analog Devices


ADF4153 Product details

GENERAL DESCRIPTION
The ADF4153 is a fractional-N frequency synthesizer that implements local oscillators in the upconversion and downconversion sections of wireless receivers and transmitters. It consists of a low noise digital phase frequency detector (PFD), a precision charge pump, and a programmable reference divider. There is a Σ-Δ based fractional interpolator to allow programmable fractional-N
division. The INT, FRAC, and MOD registers define an overall N divider (N= (INT+ (FRAC/MOD))). In addition, the 4-bit reference counter (R counter) allows selectable REFIN frequencies at the PFD input. A complete phase-locked loop (PLL) can be implemented if the synthesizer is used with an external loop filter and a voltage controlled oscillator (VCO).

FEATURES
   RF bandwidth to 4 GHz
   2.7 V to 3.3 V power supply
   Separate VP allows extended tuning voltage
   Y version available: −40°C to +125°C
   Programmable fractional modulus
   Programmable charge pump currents
   3-wire serial interface
   Analog and digital lock detect
   Power-down mode
   Pin-compatible with ADF4110/ADF4111/ADF4112/ADF4113
      and ADF4106
   Consistent RF output phase
   Loop filter design possible with ADIsimPLL
   Qualified for automotive applications

APPLICATIONS
   CATV equipment
   Base stations for mobile radio (GSM, PCS, DCS, WiMAX,
      SuperCell 3G, CDMA, W-CDMA)
   Wireless handsets (GSM, PCS, DCS, CDMA, W-CDMA)
   Wireless LANs, PMR
   Communications test equipment




Similar Part No. - ADF4153

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4153 AD-ADF4153 Datasheet
246Kb / 6P
Minimizing Spurious Outputs Using a Synthesizer with an Integrated VCO and an External PLL Circuit
REV. 0
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
Fractional-N Frequency Synthesizer
Rev. F
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
Fractional-N Frequency Synthesizer
Rev. F
ADF4153A AD-ADF4153A Datasheet
358Kb / 24P
Fractional-N Frequency Synthesizer
1/13-Rev. 0 to Rev. A
ADF4153ABCPZ AD-ADF4153ABCPZ Datasheet
358Kb / 24P
Fractional-N Frequency Synthesizer
1/13-Rev. 0 to Rev. A
More results


Similar Description - ADF4153

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS2200-CP CIRRUS-CS2200-CP Datasheet
326Kb / 26P
Fractional-N Frequency Synthesizer
CS2200-CP CIRRUS-CS2200-CP_09 Datasheet
218Kb / 26P
Fractional-N Frequency Synthesizer
CS2200-OTP CIRRUS-CS2200-OTP_09 Datasheet
189Kb / 24P
Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4154BRUZ AD-ADF4154BRUZ Datasheet
370Kb / 24P
Fractional-N Frequency Synthesizer
Rev. C
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
Fractional-N Frequency Synthesizer
Rev. F
ADF4153 AD-ADF4153_15 Datasheet
354Kb / 24P
Fractional-N Frequency Synthesizer
Rev. F
ADF4154 AD-ADF4154_15 Datasheet
370Kb / 24P
Fractional-N Frequency Synthesizer
REV. C
logo
Cirrus Logic
CS2200-OT CIRRUS-CS2200-OT Datasheet
861Kb / 23P
Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153A AD-ADF4153A Datasheet
358Kb / 24P
Fractional-N Frequency Synthesizer
1/13-Rev. 0 to Rev. A
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
Fractional-N Frequency Synthesizer
12/2016-Rev. F to Rev. G
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com