Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZT52C12 Datasheet (PDF) - Won-Top Electronics

BZT52C12 Datasheet PDF - Won-Top Electronics
Part # BZT52C12
Download  BZT52C12 Download
File Size   49.96 Kbytes
Page   5 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 500mW SURFACE MOUNT ZENER DIODE

BZT52C12 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZT52C12 Datasheet PDF - Won-Top Electronics

Part # BZT52C12
Download  BZT52C12 Click to download

File Size   49.96 Kbytes
Page   5 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 500mW SURFACE MOUNT ZENER DIODE

BZT52C12 Datasheet (HTML) - Won-Top Electronics


BZT52C12 Product details

500mW SURFACE MOUNT ZENER DIODE

Features
● Planar Die Construction
● 500mW Power Dissipation
● 2.0V – 51V Nominal Zener Voltage
● 5% Standard Vz Tolerance
● Designed for Surface Mount Application
● Plastic Material – UL Recognition Flammability
   Classification 94V-0




Similar Part No. - BZT52C12

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZT52C12 DIODES-BZT52C12 Datasheet
73Kb / 3P
SURFACE MOUNT ZENER DIODE
DS18004 Rev. 19 - 2
logo
Micro Commercial Compon...
BZT52C12 MCC-BZT52C12 Datasheet
407Kb / 4P
410 mW Zener Diodes 2.4 to 39 Volts
logo
Diotec Semiconductor
BZT52C12 DIOTEC-BZT52C12 Datasheet
55Kb / 2P
Surface mount Zener Diodes
logo
Diodes Incorporated
BZT52C12 DIODES-BZT52C12 Datasheet
79Kb / 3P
SURFACE MOUNT ZENER DIODE
DS18004 Rev. 21 - 2
logo
Continental Device Indi...
BZT52C12 CDIL-BZT52C12 Datasheet
325Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
More results


Similar Description - BZT52C12

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMSZ5221B DIODES-MMSZ5221B Datasheet
61Kb / 3P
500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 7 - 2
MMSZ5221B DIODES-MMSZ5221B_1 Datasheet
99Kb / 4P
500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 18 - 2
logo
Won-Top Electronics
MMSZ5221B WTE-MMSZ5221B Datasheet
75Kb / 4P
500mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
MMSZ5221B DIODES-MMSZ5221B_09 Datasheet
92Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 23 - 2
MMSZ5263B DIODES-MMSZ5263B Datasheet
86Kb / 3P
500mW SURFACE MOUNT ZENER DIODE
DS31652 Rev. 4 - 2
ZMM5245B-7 DIODES-ZMM5245B-7 Datasheet
82Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
Rev 13.2.2003
MMSZ5221B DIODES-MMSZ5221B_15 Datasheet
106Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
Rev 27
logo
Won-Top Electronics
BZT52C11 WTE-BZT52C11 Datasheet
49Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
MMSZ4682 WTE-MMSZ4682 Datasheet
49Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
MMSZ4706 WTE-MMSZ4706 Datasheet
49Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com