Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT88SC0104C Datasheet (PDF) - ATMEL Corporation

AT88SC0104C Datasheet PDF - ATMEL Corporation
Part # AT88SC0104C
Download  AT88SC0104C Download
File Size   345.78 Kbytes
Page   17 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description CryptoMemory 1 Kbit

AT88SC0104C Datasheet (PDF)

Go To PDF Page Download Datasheet
AT88SC0104C Datasheet PDF - ATMEL Corporation

Part # AT88SC0104C
Download  AT88SC0104C Click to download

File Size   345.78 Kbytes
Page   17 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description CryptoMemory 1 Kbit

AT88SC0104C Datasheet (HTML) - ATMEL Corporation


AT88SC0104C Product details

Description
The AT88SC0104C member of the CryptoMemory® family is a high-performance secure memory providing 1 Kbit of user memory with advanced security and cryptographic features built in. The user memory is divided into four 32-byte zones, each of which may be individually set with different security access rights or effectively combined together to provide space for 1 to 4 data files.

Features
• One of a Family of 9 Devices with User Memories from 1 Kbit to 256-Kbit
• 1-Kbit (128-byte) EEPROM User Memory
   - Four 32 byte (256 bit) Zones
   - Self-timed Write Cycle
   - Single Byte or 16-byte Page Write Mode
   - Programmable Access Rights for Each Zone
• 2-Kbit Configuration Zone
   - 37-byte OTP Area for User-defined Codes
   - 160-byte Area for User-defined Keys and Passwords
• High Security Features
   - 64-bit Mutual Authentication Protocol (Under License of ELVA)
   - Encrypted Checksum
   - Stream Encryption
   - Four Key Sets for Authentication and Encryption
   - Eight Sets of Two 24-bit Passwords
   - Anti-tearing Function
   - Voltage and Frequency Monitor
• Smart Card Features
   - ISO 7816 Class A (5V) or Class B (3V) Operation
   - ISO 7816-3 Asynchronous T = 0 Protocol (Gemplus® Patent) *
   - Multiple Zones, Key Sets and Passwords for Multi-application Use
   - Synchronous 2-wire Serial Interface for Faster Device Initialization *
   - Programmable 8-byte Answer-To-Reset Register
   - ISO 7816-2 Compliant Modules
• Embedded Application Features
   - Low Voltage Operation: 2.7V to 5.5V
   - Secure Nonvolatile Storage for Sensitive System or User Information
   - 2-wire Serial Interface
   - 1.0 MHz Compatibility for Fast Operation
   - Standard 8-lead Plastic Packages, Green Compliant (exceeds RoHS)
   - Same Pinout as 2-wire Serial EEPROMs
• High Reliability
   - Endurance: 100,000 Cycles
   - Data Retention: 10 years
   - ESD Protection: 4,000V min




Similar Part No. - AT88SC0104C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0104C ATMEL-AT88SC0104C Datasheet
423Kb / 18P
CryptoMemory 1 Kbit
AT88SC0104C ATMEL-AT88SC0104C Datasheet
1Mb / 58P
CryptoMemory Specification For Standard Mode of Operation
AT88SC0104C-MJ ATMEL-AT88SC0104C-MJ Datasheet
423Kb / 18P
CryptoMemory 1 Kbit
AT88SC0104C-MJ ATMEL-AT88SC0104C-MJ Datasheet
194Kb / 20P
CryptoMemory 1 Kbit
AT88SC0104C-MJTG ATMEL-AT88SC0104C-MJTG Datasheet
194Kb / 20P
CryptoMemory 1 Kbit
More results


Similar Description - AT88SC0104C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0808C ATMEL-AT88SC0808C_07 Datasheet
409Kb / 18P
CryptoMemory 8 Kbit
AT88SC0104C ATMEL-AT88SC0104C_07 Datasheet
423Kb / 18P
CryptoMemory 1 Kbit
AT88SC6416C ATMEL-AT88SC6416C_08 Datasheet
475Kb / 18P
CryptoMemory 64 Kbit
AT88SC12816C ATMEL-AT88SC12816C Datasheet
453Kb / 18P
CryptoMemory 128 Kbit
AT88SC25616C ATMEL-AT88SC25616C_08 Datasheet
438Kb / 18P
CryptoMemory 256 Kbit
AT88SC0808C ATMEL-AT88SC0808C_09 Datasheet
192Kb / 20P
CryptoMemory 8 Kbit
AT88SC0104C ATMEL-AT88SC0104C_09 Datasheet
194Kb / 20P
CryptoMemory 1 Kbit
AT88SC0404C ATMEL-AT88SC0404C_09 Datasheet
193Kb / 20P
CryptoMemory 4 Kbit
AT88SC3216C ATMEL-AT88SC3216C_09 Datasheet
208Kb / 21P
CryptoMemory 32 Kbit
AT88SC0104C ATMEL-AT88SC0104C_14 Datasheet
365Kb / 21P
Atmel CryptoMemory, 1-Kbit
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com