Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131 Datasheet (PDF) - ATMEL Corporation

AT89C5131 Datasheet PDF - ATMEL Corporation
Part # AT89C5131
Download  AT89C5131 Download
File Size   2155.75 Kbytes
Page   176 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Flash Microcontroller with Full Speed USB Device

AT89C5131 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT89C5131 Datasheet PDF - ATMEL Corporation

Part # AT89C5131
Download  AT89C5131 Click to download

File Size   2155.75 Kbytes
Page   176 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Flash Microcontroller with Full Speed USB Device

AT89C5131 Datasheet (HTML) - ATMEL Corporation


AT89C5131 Product details

Description

AT89C5131 is a high-performance Flash version of the 80C51 single-chip 8-bit microcontrollers with full speed USB functions.



Features

• 80C52X2 Core (6 Clocks per Instruction)

– Maximum Core Frequency 48 MHz in X1 Mode, 24MHz in X2 Mode

– Dual Data Pointer

– Full-duplex Enhanced UART (EUART)

– Three 16-bit Timer/Counters: T0, T1 and T2

– 256 Bytes of Scratchpad RAM

• 32-Kbyte On-chip Flash In-System Programming through USB or UART

• 4-Kbyte EEPROM for Boot (3-Kbyte) and Data (1-Kbyte)

• On-chip Expanded RAM (ERAM): 1024 Bytes

• USB 1.1 and 2.0 Full Speed Compliant Module with Interrupt on Transfer Completion

– Endpoint 0 for Control Transfers: 32-byte FIFO

– 6 Programmable Endpoints with In or Out Directions and with Bulk, Interrupt or Isochronous Transfers

• Endpoint 1, 2, 3: 32-byte FIFO

• Endpoint 4, 5: 2 x 64-byte FIFO with Double Buffering (Ping-pong Mode)

• Endpoint 6: 2 x 512-byte FIFO with Double Buffering (Ping-pong Mode)

– Suspend/Resume Interrupts

– Power-on Reset and USB Bus Reset

– 48 MHz DPLL for Full-speed Bus Operation

– USB Bus Disconnection on Microcontroller Request

• 5 Channels Programmable Counter Array (PCA) with 16-bit Counter, High-speed Output, Compare/Capture, PWM and Watchdog Timer Capabilities

• Programmable Hardware Watchdog Timer (One-time Enabled with Reset-out): 50 ms to 6s at 4 MHz

• Keyboard Interrupt Interface on Port P1 (8 Bits)

• TWI (Two Wire Interface) 400Kbit/s

• SPI Interface (Master/Slave Mode)

• 34 I/O Pins

• 4 Direct-drive LED Outputs with Programmable Current Sources: 2-6-10 mA Typical

• 4-level Priority Interrupt System (11 sources)

• Idle and Power-down Modes

• 0 to 32 MHz On-chip Oscillator with Analog PLL for 48 MHz Synthesis

• Low Power Voltage Range

– 3.0V to 3.6V

– 30 mA Max Operating Current (at 40 MHz)

– 100 µA Max Power-down Current

• Industrial Temperature Range

• Packages: PLCC52, VQFP64, MLF48, SO28




Similar Part No. - AT89C5131

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C5131A ATMEL-AT89C5131A Datasheet
365Kb / 33P
USB Microcontrollers
AT89C5131A ATMEL-AT89C5131A Datasheet
1Mb / 188P
8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131A ATMEL-AT89C5131A Datasheet
333Kb / 34P
USB Microcontrollers
AT89C5131A-L ATMEL-AT89C5131A-L Datasheet
2Mb / 184P
8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131A-L ATMEL-AT89C5131A-L Datasheet
1Mb / 186P
8-bit Flash Microcontroller with Full Speed USB Device
More results


Similar Description - AT89C5131

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C5130A-M ATMEL-AT89C5130A-M Datasheet
2Mb / 184P
8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131A-L ATMEL-AT89C5131A-L Datasheet
2Mb / 184P
8-bit Flash Microcontroller with Full Speed USB Device
AT89C5130A-M ATMEL-AT89C5130A-M_06 Datasheet
2Mb / 186P
8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131A-L ATMEL-AT89C5131A-L_06 Datasheet
2Mb / 185P
8-bit Flash Microcontroller with Full Speed USB Device
AT83C5134 ATMEL-AT83C5134 Datasheet
1Mb / 171P
8-bit Microcontroller with Full Speed USB Device
AT89C5130A-M ATMEL-AT89C5130A-M_08 Datasheet
1Mb / 188P
8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131A-L ATMEL-AT89C5131A-L_07 Datasheet
1Mb / 186P
8-bit Flash Microcontroller with Full Speed USB Device
logo
Sanyo Semicon Device
LC87F1A32A SANYO-LC87F1A32A_09 Datasheet
181Kb / 26P
8-bit 1-chip Microcontroller with Full-Speed USB
LC87F1G64A SANYO-LC87F1G64A Datasheet
191Kb / 29P
8-bit 1-chip Microcontroller with Full-Speed USB
logo
NEC
UPD78F0730MC-CAB-AX NEC-UPD78F0730MC-CAB-AX Datasheet
426Kb / 2P
8-Bit Microcontroller with Full-Speed USB 2.0
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com