Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132 Datasheet (PDF) - ATMEL Corporation

AT89C5132 Datasheet PDF - ATMEL Corporation
Part # AT89C5132
Download  AT89C5132 Download
File Size   3003.67 Kbytes
Page   33 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description USB Microcontroller with 64K Bytes Flash Memory

AT89C5132 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT89C5132 Datasheet PDF - ATMEL Corporation

Part # AT89C5132
Download  AT89C5132 Click to download

File Size   3003.67 Kbytes
Page   33 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description USB Microcontroller with 64K Bytes Flash Memory

AT89C5132 Datasheet (HTML) - ATMEL Corporation


AT89C5132 Product details

Description

The AT89C5132 is a mass storage device controlling data exchange between various Flash modules, HDD and CD-ROM. The AT89C5132 includes 64K Bytes of Flash memory and allows In-System Programming through an embedded 4K Bytes of Boot Flash Memory. The AT89C5132 include 2304 Bytes of RAM memory.



Features

• Programmable Audio Output for Interfacing with Common Audio DAC

– PCM Format Compatible

– I2S Format Compatible

• 8-bit MCU C51 Core-based (FMAX = 20 MHz)

• 2304 Bytes of Internal RAM

• 64K Bytes of Code Memory

– AT89C5132: Flash (100K Write/Erase Cycles)

• 4K Bytes of Boot Flash Memory (AT89C5132)

– ISP: Download from USB (standard) or UART (option)

• USB Rev 1.1 Device Controller

– “Full Speed” Data Transmission

• Built-in PLL

• MultiMedia Card® Interface Compatibility

• Atmel DataFlash® SPI Interface Compatibility

• IDE/ATAPI Interface

• 2 Channels 10-bit ADC, 8 kHz (8 True Bits)

– Battery Voltage Monitoring

– Voice Recording Controlled by Software

• Up to 44 Bits of General-purpose I/Os

– 4-bit Interrupt Keyboard Port for a 4 x n Matrix

– SmartMedia® Software Interface

• Two Standard 16-bit Timers/Counters

• Hardware Watchdog Timer

• Standard Full Duplex UART with Baud Rate Generator

• Two Wire Master and Slave Modes Controller

• SPI Master and Slave Modes Controller

• Power Management

– Power-on Reset

– Software Programmable MCU Clock

– Idle Mode, Power-down Mode

• Operating Conditions

– 3V, ±10%, 25 mA Typical Operating at 25°C

– Temperature Range: -40°C to +85°C

• Packages

– TQFP80, PLCC84 (Development Board Only)

– Dice



Typical Applications

• Flash Recorder/Writer

• PDA, Camera, Mobile Phone

• PC Add-on




Similar Part No. - AT89C5132

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C5132 ATMEL-AT89C5132 Datasheet
1Mb / 181P
USB Microcontroller with 64K Bytes Flash Memory
AT89C5132 ATMEL-AT89C5132 Datasheet
976Kb / 38P
USB USB Microcontroller with 64K Bytes Flash Memory
AT89C5132 ATMEL-AT89C5132 Datasheet
1Mb / 182P
USB Microcontroller with 64K Bytes Flash Memory
AT89C5132-ROTIL ATMEL-AT89C5132-ROTIL Datasheet
1Mb / 181P
USB Microcontroller with 64K Bytes Flash Memory
AT89C5132-ROTIL ATMEL-AT89C5132-ROTIL Datasheet
976Kb / 38P
USB USB Microcontroller with 64K Bytes Flash Memory
More results


Similar Description - AT89C5132

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83C5132 ATMEL-AT83C5132 Datasheet
1,009Kb / 10P
USB Microcontroller with 64K Bytes Flash Memory
logo
Freescale Semiconductor...
FTS64K FREESCALE-FTS64K Datasheet
549Kb / 44P
64k bytes of Flash memory
logo
ATMEL Corporation
ATMEGA644 ATMEL-ATMEGA644_07 Datasheet
335Kb / 22P
8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64_0610 ATMEL-ATMEGA64_0610 Datasheet
3Mb / 393P
8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644_0702 ATMEL-ATMEGA644_0702 Datasheet
4Mb / 374P
8-bit Microcontroller with 64K Bytes In- System Programmable Flash
AT89C5132 ATMEL-AT89C5132_06 Datasheet
1Mb / 181P
USB Microcontroller with 64K Bytes Flash Memory
AT89C5132 ATMEL-AT89C5132_04 Datasheet
976Kb / 38P
USB USB Microcontroller with 64K Bytes Flash Memory
AT89C5132 ATMEL-AT89C5132_07 Datasheet
1Mb / 182P
USB Microcontroller with 64K Bytes Flash Memory
ATMEGA64 ATMEL-ATMEGA64_08 Datasheet
5Mb / 393P
8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644V ATMEL-ATMEGA644V_10 Datasheet
787Kb / 23P
8-bit Microcontroller with 64K Bytes In-System Programmable Flash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com