Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6660 Datasheet (PDF) - ATMEL Corporation

ATA6660 Datasheet PDF - ATMEL Corporation
Part # ATA6660
Download  ATA6660 Download
File Size   232.45 Kbytes
Page   11 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description HIGH SPEED CAN TRANSCEIVER

ATA6660 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATA6660 Datasheet PDF - ATMEL Corporation

Part # ATA6660
Download  ATA6660 Click to download

File Size   232.45 Kbytes
Page   11 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description HIGH SPEED CAN TRANSCEIVER

ATA6660 Datasheet (HTML) - ATMEL Corporation


ATA6660 Product details

Description
The ATA6660 is a monolithic circuit based on the Atmel®’s Smart Power BCD60-III technology. It is especially designed for high speed CAN-Controller (CAN-C) differential mode data transmission between CAN-Controllers and the physical differential bus lines.

Features
• Usable for Automotive 12V/24V and Industrial Applications
• Maximum High-speed Data Transmissions up to 1 MBaud
• Fully Compatible with ISO 11898
• Controlled Slew Rate
• Standby Mode
• TXD Input Compatible to 3.3V
• Short-circuit Protection
• Overtemperature Protection
• High Voltage Bus Lines Protection, –40V to +40V
• High Speed Differential Receiver Stage with a Wide Common Mode Range, –10V to +10V, for High Electromagnetic Immunity (EMI)
• Fully Controlled Bus Lines, CANH and CANL to Minimize Electromagnetic Emissions (EME)
• High ESD Protection at CANH, CANL HBM 8 kV, MM 300V




Similar Part No. - ATA6660

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6660 ATMEL-ATA6660 Datasheet
242Kb / 12P
High-speed Can Transceiver
ATA6660 ATMEL-ATA6660 Datasheet
282Kb / 13P
High-speed Can Transceiver
ATA6660-TAPY ATMEL-ATA6660-TAPY Datasheet
242Kb / 12P
High-speed Can Transceiver
ATA6660-TAPY ATMEL-ATA6660-TAPY Datasheet
282Kb / 13P
High-speed Can Transceiver
ATA6660-TAQY ATMEL-ATA6660-TAQY Datasheet
242Kb / 12P
High-speed Can Transceiver
More results


Similar Description - ATA6660

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6660 ATMEL-ATA6660_06 Datasheet
242Kb / 12P
High-speed Can Transceiver
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551_07 Datasheet
279Kb / 24P
High-Speed CAN Transceiver
2007
logo
Infineon Technologies A...
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
logo
NXP Semiconductors
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
High-speed CAN transceiver
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
High-speed CAN transceiver
Rev. 6-24 August 2017
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com