Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C265 Datasheet (PDF) - Cypress Semiconductor

CY7C265 Datasheet PDF - Cypress Semiconductor
Part # CY7C265
Download  CY7C265 Download
File Size   327.45 Kbytes
Page   11 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 8K x 8 Registered PROM

CY7C265 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C265 Datasheet PDF - Cypress Semiconductor

Part # CY7C265
Download  CY7C265 Click to download

File Size   327.45 Kbytes
Page   11 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 8K x 8 Registered PROM

CY7C265 Datasheet (HTML) - Cypress Semiconductor


CY7C265 Product details

Functional Description
The CY7C265 is a 8192 x 8 registered PROM. It is organized as 8,192 words by 8 bits wide, and has a pipeline output register. In addition, the device features a programmable initialize byte that may be loaded into the pipeline register with the initialize signal. The programmable initialize byte is the 8,193rd byte in the PROM and its value is programmed at the time of use.

Features
• CMOS for optimum speed/power
• High speed (Commercial)
   — 15 ns address set-up
   — 12 ns clock to output
• Low power
   — 660 mW (Commercial)
• On-chip edge-triggered registers
   — Ideal for pipelined microprogrammed systems
• EPROM technology
   — 100% programmable
   — Reprogrammable (CY7C265W)
• 5V ±10% VCC, commercial and military
• Capable of withstanding >2001V static discharge
• Slim 28-pin, 300-mil plastic or hermetic DIP




Similar Part No. - CY7C265

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C265 CYPRESS-CY7C265 Datasheet
591Kb / 13P
8K x 8 Registered PROM
CY7C265-15JC CYPRESS-CY7C265-15JC Datasheet
591Kb / 13P
8K x 8 Registered PROM
CY7C265-15WC CYPRESS-CY7C265-15WC Datasheet
591Kb / 13P
8K x 8 Registered PROM
CY7C265-25WC CYPRESS-CY7C265-25WC Datasheet
591Kb / 13P
8K x 8 Registered PROM
CY7C265-40PC CYPRESS-CY7C265-40PC Datasheet
591Kb / 13P
8K x 8 Registered PROM
More results


Similar Description - CY7C265

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C245A CYPRESS-CY7C245A Datasheet
227Kb / 12P
2K x 8 Reprogrammable Registered PROM
CY7C277 CYPRESS-CY7C277 Datasheet
431Kb / 13P
32K x 8 Reprogrammable Registered PROM
CY7C225 CYPRESS-CY7C225 Datasheet
186Kb / 9P
512 x 8 Registered PROM
CY7C235A CYPRESS-CY7C235A Datasheet
211Kb / 10P
1K x 8 Registered PROM
logo
Pyramid Semiconductor C...
PY264 PYRAMID-PY264 Datasheet
135Kb / 8P
8K X 8 REPROGRAMMABLE PROM
logo
Cypress Semiconductor
CY7C225A CYPRESS-CY7C225A_06 Datasheet
322Kb / 10P
512 x 8 Registered PROM
CY7C245A CYPRESS-CY7C245A_06 Datasheet
396Kb / 13P
2K x 8 Reprogrammable Registered PROM
CY7C265 CYPRESS-CY7C265_06 Datasheet
591Kb / 13P
8K x 8 Registered PROM
CY7C287 CYPRESS-CY7C287 Datasheet
226Kb / 8P
64K x 8 Reprogrammable Registered PROM
CY7C235A CYPRESS-CY7C235A_95 Datasheet
227Kb / 9P
1K x 8 Registered PROM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com