Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISD4004 Datasheet (PDF) - Winbond

ISD4004 Datasheet PDF - Winbond
Part # ISD4004
Download  ISD4004 Download
File Size   980.42 Kbytes
Page   28 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description Single-Chip Voice Record/Playback Devices 8-, 10-, 12-, and 16-Minute Durations

ISD4004 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISD4004 Datasheet PDF - Winbond

Part # ISD4004
Download  ISD4004 Click to download

File Size   980.42 Kbytes
Page   28 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description Single-Chip Voice Record/Playback Devices 8-, 10-, 12-, and 16-Minute Durations

ISD4004 Datasheet (HTML) - Winbond


ISD4004 Product details

Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations

The ISD4000 ChipCorder® Products provide high-quality, 3-volt, single-chip record/playback
solutions for 2- to 16-minute messaging applications which are ideal for cellular phones and other
portable products. The CMOS based devices include an oscillator, antialiasing filter, smoothing
filter, AutoMute® feature, audio amplifier, and high density, multilevel Flash storage array. The ISD4000 series is designed to be used in a microprocessor- or microcontroller-based system. Address and control are accomplished through a Serial Peripheral Interface (SPI) or Microwire serial interface to minimize pin count.
Recordings are stored in on-chip nonvolatile memory cells, providing zero-power message stor
age. This unique, single-chip solution is made possible through ISD’s patented multilevel storage
technology. Voice and audio signals are stored directly into memory in their natural form, provid
ing high-quality, solid-state voice reproduction.

FEATURES
• Single-chip voice record/playback solution
• Single +3 volt supply
• Low-power consumption
• Operating current:
        ICC Play = 15 mA (typical)
        ICC Rec = 25 mA (typical)
• Standby current 1 µA (typical)
• Single-chip durations of 2, 2.5, 3, 4, 5, 6, 8, 10, 12 and 16 minutes
• High-quality, natural voice/audio reproduction
• AutoMute feature provides background noise attenuation during periods of silence
• No speech compression algorithm development required
• Microcontroller SPI or Microwire serial interface
• Fully addressable to handle multiple messages
• Nonvolatile message storage
• Power consumption controlled by SPI or Microwire control register
• 100-year message retention (typical)
• 100K record cycles (typical)
• On-chip clock source
• Available in die form, PDIP, SOIC, TSOP and chip scale packaging (CSP)
• Extended temperature (–20°C to +70°C) and industrial temperature (–40°C to +85°C) versions available

ISD40000 SERIES CAN BE USED IN VARIOUS APPLICATIONS:
• Cellular phones
• Portable Digital Recorders (PDR)
• Automotive
• Telephone Answering Devices (TAD)




Similar Part No. - ISD4004

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD4004 ETC1-ISD4004 Datasheet
317Kb / 2P
Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
logo
Nuvoton Technology Corp...
ISD4004 NUVOTON-ISD4004 Datasheet
931Kb / 36P
SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 8-, 10-, 12-, AND 16-MINUTE DURATION
logo
List of Unclassifed Man...
ISD4004-08M ETC1-ISD4004-08M Datasheet
317Kb / 2P
Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
logo
Nuvoton Technology Corp...
ISD4004-08MPY NUVOTON-ISD4004-08MPY Datasheet
931Kb / 36P
SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 8-, 10-, 12-, AND 16-MINUTE DURATION
ISD4004-08MSY NUVOTON-ISD4004-08MSY Datasheet
931Kb / 36P
SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 8-, 10-, 12-, AND 16-MINUTE DURATION
More results


Similar Description - ISD4004

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD1400 ETC-ISD1400 Datasheet
1Mb / 25P
Single-Chip Voice Record/Playback Devices 16-and 20-Second Durations
ISD4003 ETC-ISD4003 Datasheet
2Mb / 30P
Single-Chip Voice Record/Playback Devices 4-, 5-, 6-, and 8-Minute Durations
ISD1000A ETC-ISD1000A Datasheet
402Kb / 20P
Single-Chip Voice Record/Playback Devices 16- and 20-Second Durations
ISD1200 ETC-ISD1200 Datasheet
1Mb / 25P
Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations
ISD5008 ETC-ISD5008 Datasheet
1Mb / 47P
SINGLE CHIP VOICE RECORD PLAYBACK DEVICE 4-, 5-, 6-, AND 8- MINUTE DURATIONS
logo
Winbond
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
logo
List of Unclassifed Man...
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
ISD33120 ETC1-ISD33120 Datasheet
1Mb / 30P
SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2-, 2.5-, 3-, AND 4-MINUTE DURATIONS
logo
Nuvoton Technology Corp...
ISD4004 NUVOTON-ISD4004 Datasheet
931Kb / 36P
SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 8-, 10-, 12-, AND 16-MINUTE DURATION
logo
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com