Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXYX140N90C3 Datasheet (PDF) - IXYS Corporation

IXYX140N90C3 Datasheet PDF - IXYS Corporation
Part # IXYX140N90C3
Download  IXYX140N90C3 Download
File Size   211.61 Kbytes
Page   6 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description XPTTM 900V IGBTs

IXYX140N90C3 Datasheet (PDF)

Go To PDF Page Download Datasheet
IXYX140N90C3 Datasheet PDF - IXYS Corporation

Part # IXYX140N90C3
Download  IXYX140N90C3 Click to download

File Size   211.61 Kbytes
Page   6 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description XPTTM 900V IGBTs

IXYX140N90C3 Datasheet (HTML) - IXYS Corporation




Similar Part No. - IXYX140N90C3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYX140N90C3 IXYS-IXYX140N90C3 Datasheet
211Kb / 6P
XPTTM 900V IGBTs
More results


Similar Description - IXYX140N90C3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXXA50N60B3 IXYS-IXXA50N60B3 Datasheet
280Kb / 6P
XPTTM 600V IGBTs
IXXK200N60C3 IXYS-IXXK200N60C3 Datasheet
211Kb / 6P
XPTTM 600V IGBTs
IXXH50N60B3 IXYS-IXXH50N60B3 Datasheet
280Kb / 6P
XPTTM 600V IGBTs
IXYA8N90C3D1 IXYS-IXYA8N90C3D1 Datasheet
336Kb / 7P
900V XPTTM IGBT
IXYH80N90C3 IXYS-IXYH80N90C3 Datasheet
183Kb / 6P
XPTTM 900V IGBT
IXYK140N90C3 IXYS-IXYK140N90C3 Datasheet
211Kb / 6P
XPTTM 900V IGBTs
IXYP8N90C3D1 IXYS-IXYP8N90C3D1 Datasheet
336Kb / 7P
900V XPTTM IGBT
IXYT80N90C3 IXYS-IXYT80N90C3 Datasheet
183Kb / 6P
XPTTM 900V IGBT
IXYX120N120C3 IXYS-IXYX120N120C3 Datasheet
211Kb / 6P
1200V XPTTM IGBTs
IXYY8N90C3 IXYS-IXYY8N90C3 Datasheet
178Kb / 6P
900V XPTTM IGBT
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com