Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP2526A Datasheet (PDF) - Exar Corporation

SP2526A Datasheet PDF - Exar Corporation
Part # SP2526A
Download  SP2526A Download
File Size   405.66 Kbytes
Page   9 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Dual Channel USB Power Distribution Switch

SP2526A Datasheet (PDF)

Go To PDF Page Download Datasheet
SP2526A Datasheet PDF - Exar Corporation

Part # SP2526A
Download  SP2526A Click to download

File Size   405.66 Kbytes
Page   9 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Dual Channel USB Power Distribution Switch

SP2526A Datasheet (HTML) - Exar Corporation


SP2526A Product details

GENERAL DESCRIPTION
The SP2526A device is a dual +3.0V to +5.5V USB Supervisory Power Control Switch ideal for self-powered and bus-powered Universal Serial Bus (USB) applications.

FEATURES
• +3.0V to +5.5V Input Voltage Range
• Two Independent Power Switches
• Two Error Flag Outputs, Open Drain
• 2.6V Undervoltage Lockout
• 1.25A Short Circuit Current Limit
• 150mΩ Maximum On-Resistance
• 110μA On-State Supply Current
• 1μA Shutdown Current
• Output can be Forced Higher than Input (Off-State)
• Thermal Shutdown
• 1ms Soft Start Power Up, Fast Turn Off
• Active-high Version: SP2526A-1
• Active-low Version: SP2526A-2
• RoHS Compliant, Green/Halogen Free 8-Pin NSOIC Package

APPLICATIONS
• Self Powered USB 2.0 and 3.0 Hubs
• USB Compliant VBUS Power Distribution
• Audio-Video Equipments
• Generic Power Switching




Similar Part No. - SP2526A

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP2526A SIPEX-SP2526A Datasheet
91Kb / 10P
Dual USB High-Side Power Switch
SP2526A-1EN SIPEX-SP2526A-1EN Datasheet
91Kb / 10P
Dual USB High-Side Power Switch
SP2526A-1EN/TR SIPEX-SP2526A-1EN/TR Datasheet
91Kb / 10P
Dual USB High-Side Power Switch
SP2526A-2EN SIPEX-SP2526A-2EN Datasheet
91Kb / 10P
Dual USB High-Side Power Switch
SP2526A-2EN/TR SIPEX-SP2526A-2EN/TR Datasheet
91Kb / 10P
Dual USB High-Side Power Switch
More results


Similar Description - SP2526A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US2075A UTC-US2075A Datasheet
137Kb / 10P
DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
logo
Micrel Semiconductor
MIC2536 MICREL-MIC2536_11 Datasheet
115Kb / 13P
Dual USB Power Distribution Switch Final Information
logo
Exar Corporation
XRP2525 EXAR-XRP2525 Datasheet
3Mb / 11P
Single/Dual Channel USB 3.0 Power Distribution Switch
logo
Unisonic Technologies
US2075A UTC-US2075A_09 Datasheet
246Kb / 10P
DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075C UTC-US2075C Datasheet
242Kb / 10P
DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075A UTC-US2075A_15 Datasheet
246Kb / 10P
DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075C UTC-US2075C_15 Datasheet
242Kb / 10P
DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
logo
Exar Corporation
SP2525A EXAR-SP2525A Datasheet
711Kb / 10P
Single Channel USB Power Distribution Switch
logo
Unisonic Technologies
US2075A UTC-US2075A_16 Datasheet
332Kb / 10P
DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075C UTC-US2075C_16 Datasheet
259Kb / 10P
DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com