Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3203E Datasheet (PDF) - Exar Corporation

SP3203E Datasheet PDF - Exar Corporation
Part # SP3203E
Download  SP3203E Download
File Size   649.41 Kbytes
Page   16 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 3V RS-232 Serial Transceiver

SP3203E Datasheet (PDF)

Go To PDF Page Download Datasheet
SP3203E Datasheet PDF - Exar Corporation

Part # SP3203E
Download  SP3203E Click to download

File Size   649.41 Kbytes
Page   16 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 3V RS-232 Serial Transceiver

SP3203E Datasheet (HTML) - Exar Corporation


SP3203E Product details

DESCRIPTION
The SP3203E provides a RS-232 transceiver solution for portable and hand-held applications such as palmtops, PDAs and cell phones. The SP3203E uses an internal high-effciency, charge-pump power supply that requires only 0.µF capacitors during 3.3V operation. This charge pump and Exars driver architecture allow the SP3203E to deliver compliant RS-232 performance from a single power supply ranging from +3.0V to +5.5V.

FEATURES
• 3 Driver / 2 Receiver Architecture
• Logic selector function (VL) sets TTL input/output levels for mixed logic systems
• Meets true EIA/TIA-232-F Standards from a +3.0V to +5.5V power supply
• Interoperable with EIA/TIA-232 and adheres to EIA/TIA-562 down to a +2.7V power source
• Minimum 250Kbps data rate under load
• Regulated Charge Pump Yields Stable RS-232 Outputs Regardless of VCC Variations
• ESD Specifcations:
    ±5KV Human Body Model
    ±5KV IEC61000-4-2 Air Discharge
    ±8KV IEC61000-4-2 Contact Discharge
• Applications
    • Palmtops
    • Cell phone Data Cables
    • PDAs




Similar Part No. - SP3203E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3203E SIPEX-SP3203E Datasheet
509Kb / 16P
3V RS-232 Serial Transceiver with Logic Selector and15kV ESD Protection
SP3203E SIPEX-SP3203E Datasheet
116Kb / 16P
3V RS-232 Serial Transceiver with Logic Selector and15kV ESD Protection
SP3203ECY SIPEX-SP3203ECY Datasheet
509Kb / 16P
3V RS-232 Serial Transceiver with Logic Selector and15kV ESD Protection
SP3203ECY SIPEX-SP3203ECY Datasheet
116Kb / 16P
3V RS-232 Serial Transceiver with Logic Selector and15kV ESD Protection
logo
Exar Corporation
SP3203ECY-L EXAR-SP3203ECY-L Datasheet
649Kb / 16P
3V RS-232 Serial Transceiver with Logic Selector and 15kV ESD Protection
More results


Similar Description - SP3203E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP332 SIPEX-SP332 Datasheet
188Kb / 10P
RS-232/RS-485 Multi-Mode Serial Transceiver
SP3203 SIPEX-SP3203 Datasheet
121Kb / 14P
3V RS-232 Serial Transceiver with Logic Selector
SP3203E SIPEX-SP3203E Datasheet
509Kb / 16P
3V RS-232 Serial Transceiver with Logic Selector and15kV ESD Protection
SP3203E SIPEX-SP3203E_05 Datasheet
116Kb / 16P
3V RS-232 Serial Transceiver with Logic Selector and15kV ESD Protection
logo
Exar Corporation
SP336E EXAR-SP336E Datasheet
1Mb / 30P
3.3V - 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP336EEY-L-TR EXAR-SP336EEY-L-TR Datasheet
1Mb / 30P
3.3V / 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP3203ECY-L EXAR-SP3203ECY-L Datasheet
649Kb / 16P
3V RS-232 Serial Transceiver with Logic Selector and 15kV ESD Protection
logo
Maxim Integrated Produc...
MAX212CWG MAXIM-MAX212CWG Datasheet
116Kb / 8P
3V-Powered, Low-Power, True RS-232 Transceiver
Rev 2; 2/94
logo
Exar Corporation
SP3203EEY-L EXAR-SP3203EEY-L Datasheet
649Kb / 16P
3V RS-232 Serial Transceiver with Logic Selector and 15kV ESD Protection
SP336EEY-0A-EB EXAR-SP336EEY-0A-EB Datasheet
1Mb / 30P
3.3V / 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com