Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3EZ3.9D5L Datasheet (PDF) - SUNMATE electronic Co., LTD

3EZ3.9D5L Datasheet PDF - SUNMATE electronic Co., LTD
Part # 3EZ3.9D5L
Download  3EZ3.9D5L Download
File Size   389.54 Kbytes
Page   3 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description AXIAL LEADED SILICON ZENER DIODES

3EZ3.9D5L Datasheet (PDF)

Go To PDF Page Download Datasheet
3EZ3.9D5L Datasheet PDF - SUNMATE electronic Co., LTD

Part # 3EZ3.9D5L
Download  3EZ3.9D5L Click to download

File Size   389.54 Kbytes
Page   3 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description AXIAL LEADED SILICON ZENER DIODES

3EZ3.9D5L Datasheet (HTML) - SUNMATE electronic Co., LTD


3EZ3.9D5L Product details

VOLTAGE RANGE: 3.9 - 400V
POWER: 3.0Wa t t s

Features
● Low leakage current
● High reliability
● High peak reverse power dissipation
● Complete Voltage Range 3.9 to 400 Volts

Mechanical Data
● Case : DO-15 Molded plastic
● Epoxy : UL94V-O rate flame retardant
● Polarity : Color band denotes cathode end
● Lead : Axial lead solderable per MIL-STD-202,
   method 208 guaranteed
● Mounting position : Any
● Weight : 0.339 gram




Similar Part No. - 3EZ3.9D5L

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
3EZ3.9D5 EIC-3EZ3.9D5 Datasheet
37Kb / 3P
SILICON ZENER DIODES
logo
Jinan Gude Electronic D...
3EZ3.9D5 JGD-3EZ3.9D5 Datasheet
150Kb / 2P
3W SILICON ZENER DIODE
logo
SynSemi, Inc.
3EZ3.9D5 SYNSEMI-3EZ3.9D5 Datasheet
41Kb / 3P
SILICON ZENER DIODES
logo
New Jersey Semi-Conduct...
3EZ3.9D5 NJSEMI-3EZ3.9D5 Datasheet
151Kb / 1P
Ref/Reg Diode, P(D) = 1W
logo
List of Unclassifed Man...
3EZ3.9D5 ETC2-3EZ3.9D5 Datasheet
197Kb / 3P
Transient Voltage Suppressor
More results


Similar Description - 3EZ3.9D5L

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
1N5338BL SUNMATE-1N5338BL Datasheet
381Kb / 3P
AXIAL LEADED SILICON ZENER DIODES
2EZ3.6D5L SUNMATE-2EZ3.6D5L Datasheet
252Kb / 2P
AXIAL LEADED SILICON ZENER DIODES
ZY3.6S SUNMATE-ZY3.6S Datasheet
263Kb / 2P
AXIAL LEADED SILICON ZENER DIODES
1N4728A SUNMATE-1N4728A Datasheet
390Kb / 3P
AXIAL LEADED SILICON ZENER DIODES
BZX79C2V4 SUNMATE-BZX79C2V4 Datasheet
328Kb / 2P
AXIAL LEADED SILICON ZENER DIODES
1N5913A SUNMATE-1N5913A Datasheet
499Kb / 3P
AXIAL LEADED SILICON ZENER DIODES
BZW03C6V8 SUNMATE-BZW03C6V8 Datasheet
395Kb / 2P
AXIAL LEADED SILICON ZENER DIODES
BZX85C2V4 SUNMATE-BZX85C2V4 Datasheet
364Kb / 2P
AXIAL LEADED SILICON ZENER DIODES
P100A SUNMATE-P100A Datasheet
358Kb / 2P
AXIAL LEADED SILICON ZENER DIODES
MZ85C3V0 SUNMATE-MZ85C3V0_15 Datasheet
433Kb / 2P
AXIAL LEADED SILICON ZENER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com