Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS-28528N-L152 Datasheet (PDF) - CUI INC

CMS-28528N-L152 Datasheet PDF - CUI INC
Part # CMS-28528N-L152
Download  CMS-28528N-L152 Download
File Size   411.63 Kbytes
Page   4 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description 750 Hz resonant frequency

CMS-28528N-L152 Datasheet (PDF)

Go To PDF Page Download Datasheet
CMS-28528N-L152 Datasheet PDF - CUI INC

Part # CMS-28528N-L152
Download  CMS-28528N-L152 Click to download

File Size   411.63 Kbytes
Page   4 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description 750 Hz resonant frequency

CMS-28528N-L152 Datasheet (HTML) - CUI INC




Similar Part No. - CMS-28528N-L152

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMS-28528N-L152 CUI-CMS-28528N-L152 Datasheet
479Kb / 5P
SPEAKER
10/23/2020
logo
CUI Devices
CMS-28528N-L152 CUID-CMS-28528N-L152 Datasheet
449Kb / 5P
SPEAKER
08/05/2022
logo
CUI INC
CMS-28528N-L152A CUI-CMS-28528N-L152A Datasheet
479Kb / 5P
SPEAKER
10/23/2020
logo
CUI Devices
CMS-28528N-L152A CUID-CMS-28528N-L152A Datasheet
449Kb / 5P
SPEAKER
08/05/2022
logo
CUI INC
CMS-28528N-L152B CUI-CMS-28528N-L152B Datasheet
479Kb / 5P
SPEAKER
10/23/2020
More results


Similar Description - CMS-28528N-L152

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMS-23558N-L152 CUI-CMS-23558N-L152 Datasheet
367Kb / 4P
550 Hz resonant frequency
CMS-25148N CUI-CMS-25148N Datasheet
480Kb / 4P
1050 Hz resonant frequency
CMS-35208N CUI-CMS-35208N Datasheet
1Mb / 4P
720 Hz resonant frequency
CMS-40208N CUI-CMS-40208N Datasheet
389Kb / 4P
650 Hz resonant frequency
CMS-40558N-L152 CUI-CMS-40558N-L152 Datasheet
551Kb / 4P
500 Hz resonant frequency
CSS-50508N CUI-CSS-50508N Datasheet
1Mb / 4P
380 Hz resonant frequency
CSS-66668N CUI-CSS-66668N Datasheet
420Kb / 4P
200 Hz resonant frequency
logo
Mallory Sonalert Produc...
PT-4175PQ MSPI-PT-4175PQ Datasheet
99Kb / 1P
Resonant Frequency (Hz) 750 짹 250
PT-4175WQ MSPI-PT-4175WQ Datasheet
95Kb / 1P
Resonant Frequency (Hz) 750 짹 250
PT-4176PQ MSPI-PT-4176PQ Datasheet
99Kb / 1P
Resonant Frequency (Hz) 750 짹 250
More results




About CUI INC


CUI Inc. is a technology company that specializes in the development and manufacture of electronic components and systems. The company is based in Tualatin, Oregon, and has been in operation for over 30 years.

CUI offers a wide range of products, including power supplies, connectors, audio products, sensors, and embedded computers. The company's products are used in various applications, including industrial automation, medical equipment, telecommunications, and consumer electronics.

CUI is known for its focus on innovation and customer satisfaction. The company has a strong commitment to developing new technologies and providing high-quality products and services to its customers. CUI also offers custom design services to customers with specific needs.

In addition to its headquarters in Oregon, CUI has offices and facilities in Asia, Europe, and North America, allowing the company to serve customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com