Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2551 Datasheet (PDF) - Microchip Technology

MCP2551 Datasheet PDF - Microchip Technology
Part # MCP2551
Download  MCP2551 Download
File Size   364.22 Kbytes
Page   20 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High-Speed CAN Transceiver

MCP2551 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP2551 Datasheet PDF - Microchip Technology

Part # MCP2551
Download  MCP2551 Click to download

File Size   364.22 Kbytes
Page   20 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High-Speed CAN Transceiver

MCP2551 Datasheet (HTML) - Microchip Technology


MCP2551 Product details

DEVICE OVERVIEW
The MCP2551 is a high-speed CAN, fault-tolerant device that serves as the interface between a CAN protocol controller and the physical bus. The MCP2551 device provides differential transmit and receive capability for the CAN protocol controller, and is fully compatible with the ISO-11898 standard, including 24V requirements. It will operate at speeds of up to 1 Mb/s.

Features
• Supports 1 Mb/s operation
• Implements ISO-11898 standard physical layer
   requirements
• Suitable for 12V and 24V systems
• Externally-controlled slope for reduced RFI
   emissions
• Detection of ground fault (permanent Dominant)
   on TXD input
• Power-on Reset and voltage brown-out protection
• An unpowered node or brown-out event will not
   disturb the CAN bus
• Low current standby operation
• Protection against damage due to short-circuit
   conditions (positive or negative battery voltage)
• Protection against high-voltage transients
• Automatic thermal shutdown protection
• Up to 112 nodes can be connected
• High-noise immunity due to differential bus
   implementation
• Temperature ranges:
   - Industrial (I): -40°C to +85°C
   - Extended (E): -40°C to +125°C




Similar Part No. - MCP2551

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
279Kb / 24P
High-Speed CAN Transceiver
2007
MCP2551 MICROCHIP-MCP2551 Datasheet
349Kb / 24P
High-Speed CAN Transceiver
2010
MCP2551-E/P MICROCHIP-MCP2551-E/P Datasheet
349Kb / 24P
High-Speed CAN Transceiver
2010
MCP2551-E/SN MICROCHIP-MCP2551-E/SN Datasheet
349Kb / 24P
High-Speed CAN Transceiver
2010
MCP2551-I/P MICROCHIP-MCP2551-I/P Datasheet
349Kb / 24P
High-Speed CAN Transceiver
2010
More results


Similar Description - MCP2551

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6660 ATMEL-ATA6660_06 Datasheet
242Kb / 12P
High-speed Can Transceiver
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551_07 Datasheet
279Kb / 24P
High-Speed CAN Transceiver
2007
logo
Infineon Technologies A...
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
logo
NXP Semiconductors
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
High-speed CAN transceiver
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
High-speed CAN transceiver
Rev. 6-24 August 2017
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com