Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2EQX6814 Datasheet (PDF) - Pericom Semiconductor Corporation

PI2EQX6814 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI2EQX6814
Download  PI2EQX6814 Download
File Size   419.1 Kbytes
Page   1 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 6.5Gbps 4-Lane SAS2/SATA/XAUI ReDriver

PI2EQX6814 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI2EQX6814 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI2EQX6814
Download  PI2EQX6814 Click to download

File Size   419.1 Kbytes
Page   1 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 6.5Gbps 4-Lane SAS2/SATA/XAUI ReDriver

PI2EQX6814 Datasheet (HTML) - Pericom Semiconductor Corporation




Similar Part No. - PI2EQX6814

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2EQX6812 PERICOM-PI2EQX6812 Datasheet
414Kb / 1P
6.5Gbps 2-Lane (4-channel)
More results


Similar Description - PI2EQX6814

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4986 MAXIM-MAX4986 Datasheet
1Mb / 14P
SAS/SATA Single Lane 2:1/1:2 Multiplexer/Demultiplexer Plus Redriver with Equalization
Rev 1; 7/12
MAX14950A MAXIM-MAX14950A Datasheet
8Mb / 20P
Single-Lane PCIe Equalizer/Redriver
Rev 1; 4/13
logo
Pericom Semiconductor C...
PI2EQX5804CNJE PERICOM-PI2EQX5804CNJE Datasheet
974Kb / 23P
5.0Gbps 4-Lane PCIe짰 2.0 ReDriver??with Equalization & Emphasis
PI2EQX6804-A PERICOM-PI2EQX6804-A Datasheet
291Kb / 2P
6.5Gbps, 4-lane, SAS2.0/SATA3.0/XAUI ReDriverTM with Equalization & Emphasis
PI2EQX5964 PERICOM-PI2EQX5964 Datasheet
151Kb / 1P
5.0Gbps 4-Lane PCIe짰 2.0 ReDriver
PI2EQX5984 PERICOM-PI2EQX5984 Datasheet
561Kb / 1P
5.0Gbps 4-Lane PCIe짰 2.0 ReDriver
PI2EQX6812 PERICOM-PI2EQX6812 Datasheet
414Kb / 1P
6.5Gbps 2-Lane (4-channel)
PI2EQX6874 PERICOM-PI2EQX6874 Datasheet
409Kb / 1P
6.5Gbps 4-Lane SAS2/SATA3/XAUI ReDriver
PI3EQX6801 PERICOM-PI3EQX6801 Datasheet
375Kb / 1P
6.5Gbps, 1-port, 1.5V/3.3V SATA/SAS ReDriver
logo
NXP Semiconductors
PTN3816 NXP-PTN3816 Datasheet
533Kb / 33P
DisplayPort 20Gbps 4-lane linear redriver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com