Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N4416 Datasheet (PDF) - Linear Integrated Systems

2N4416 Datasheet PDF - Linear Integrated Systems
Part # 2N4416
Download  2N4416 Download
File Size   237.51 Kbytes
Page   2 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description N-CHANNEL JFET HIGH FREQUENCY AMPLIFIER

2N4416 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N4416 Datasheet PDF - Linear Integrated Systems

Part # 2N4416
Download  2N4416 Click to download

File Size   237.51 Kbytes
Page   2 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description N-CHANNEL JFET HIGH FREQUENCY AMPLIFIER

2N4416 Datasheet (HTML) - Linear Integrated Systems


2N4416 Product details

N-CHANNEL JFET HIGH FREQUENCY AMPLIFIER

FEATURES
   Direct Replacement For SILICONIX 2N/SST4416 & 2N4416A
   VERY LOWNOISE FIGURE (400 MHz)  4 dB (max)
   EXCEPTIONAL GAIN (400 MHz)  10 dB (min)




Similar Part No. - 2N4416

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4416 FAIRCHILD-2N4416 Datasheet
196Kb / 2P
SFET RF,VHF, UHF, Amplitiers
logo
Calogic, LLC
2N4416 CALOGIC-2N4416 Datasheet
23Kb / 2P
N-Channel JFET High Frequency Amplifier
logo
Micro Electronics
2N4416 MICRO-ELECTRONICS-2N4416 Datasheet
140Kb / 1P
N-CHANNEL FET
logo
List of Unclassifed Man...
2N4416 ETC1-2N4416 Datasheet
43Kb / 1P
N-Channel JFETs
logo
Vishay Siliconix
2N4416 VISHAY-2N4416 Datasheet
103Kb / 7P
N-Channel JFETs
24-Jan-05
More results


Similar Description - 2N4416

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
2N5484 CALOGIC-2N5484 Datasheet
23Kb / 2P
N-Channel JFET High Frequency Amplifier
J308 CALOGIC-J308 Datasheet
26Kb / 2P
N-Channel JFET High Frequency Amplifier
U308 CALOGIC-U308 Datasheet
24Kb / 2P
N-Channel JFET High Frequency Amplifier
logo
Intersil Corporation
2N4223 INTERSIL-2N4223 Datasheet
42Kb / 1P
N-CHANNEL JFET HIGH FREQUENCY AMPLIFIER
logo
Micross Components
LS4416_SOT-23 MICROSS-LS4416_SOT-23 Datasheet
286Kb / 1P
N-Channel high frequency JFET amplifier
LS4416_TO-72 MICROSS-LS4416_TO-72 Datasheet
301Kb / 1P
N-Channel high frequency JFET amplifier
LS4416A_SOT-23 MICROSS-LS4416A_SOT-23 Datasheet
286Kb / 1P
N-Channel high frequency JFET amplifier
LS4416A_TO-92 MICROSS-LS4416A_TO-92 Datasheet
301Kb / 1P
N-Channel high frequency JFET amplifier
logo
Calogic, LLC
J308 CALOGIC-J308_15 Datasheet
33Kb / 2P
N-Channel JFET High Frequency Amplifier
U308 CALOGIC-U308_15 Datasheet
31Kb / 2P
N-Channel JFET High Frequency Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com