Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U402 Datasheet (PDF) - Linear Integrated Systems

U402 Datasheet PDF - Linear Integrated Systems
Part # U402
Download  U402 Download
File Size   241.25 Kbytes
Page   2 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description LOW NOISE LOW DRIFT MONOLITHIC DUAL N CHANNEL JFET

U402 Datasheet (PDF)

Go To PDF Page Download Datasheet
U402 Datasheet PDF - Linear Integrated Systems

Part # U402
Download  U402 Click to download

File Size   241.25 Kbytes
Page   2 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description LOW NOISE LOW DRIFT MONOLITHIC DUAL N CHANNEL JFET

U402 Datasheet (HTML) - Linear Integrated Systems


U402 Product details

FEATURES
  LOW DRIFT        |V GS1-2 / T| = 10µV/°C TYP.
  LOW NOISE        en = 6nV/Hz @ 10Hz TYP.
  LOW PINCHOFF     Vp = 2.5V TYP.




Similar Part No. - U402

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
U402 CALOGIC-U402 Datasheet
26Kb / 2P
Dual N-Channel JFET Switch
logo
Intersil Corporation
U402 INTERSIL-U402 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
New Jersey Semi-Conduct...
U402 NJSEMI-U402 Datasheet
96Kb / 2P
Minimum System Error and Calibration
logo
Micross Components
U402 MICROSS-U402 Datasheet
287Kb / 1P
Linear Systems replaces discontinued Siliconix U402 with LSU402
logo
Linear Integrated Syste...
U402 LINEAR-U402 Datasheet
314Kb / 2P
LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
More results


Similar Description - U402

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LS3954-8 LINEAR-LS3954-8 Datasheet
33Kb / 2P
LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
logo
Micross Components
2N3954 MICROSS-2N3954 Datasheet
283Kb / 1P
Low Noise, Low Drift, Monolithic Dual N-Channel JFET
SST404_PDIP MICROSS-SST404_PDIP Datasheet
282Kb / 1P
Low Noise, Low Drift, Monolithic Dual N-Channel JFET
U402_TO-71 MICROSS-U402_TO-71 Datasheet
287Kb / 1P
Low Noise, Low Drift, Monolithic Dual N-Channel JFET
U405_TO-78 MICROSS-U405_TO-78 Datasheet
286Kb / 1P
Low Noise, Low Drift, Monolithic Dual N-Channel JFET
U406_TO-71 MICROSS-U406_TO-71 Datasheet
286Kb / 1P
Low Noise, Low Drift, Monolithic Dual N-Channel JFET
logo
New Jersey Semi-Conduct...
LSU404 NJSEMI-LSU404 Datasheet
71Kb / 1P
LOW NOISE, LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
logo
Micross Components
2N5905 MICROSS-2N5905 Datasheet
292Kb / 1P
LOW NOISE, LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
2N5906 MICROSS-2N5906 Datasheet
292Kb / 1P
LOW NOISE, LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
2N5909 MICROSS-2N5909 Datasheet
292Kb / 1P
LOW NOISE, LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com