Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX384C3V9 Datasheet (PDF) - SUNMATE electronic Co., LTD

BZX384C3V9 Datasheet PDF - SUNMATE electronic Co., LTD
Part # BZX384C3V9
Download  BZX384C3V9 Download
File Size   481.85 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description SURFACE MOUNT SILICON ZENER DIODES

BZX384C3V9 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX384C3V9 Datasheet PDF - SUNMATE electronic Co., LTD

Part # BZX384C3V9
Download  BZX384C3V9 Click to download

File Size   481.85 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description SURFACE MOUNT SILICON ZENER DIODES

BZX384C3V9 Datasheet (HTML) - SUNMATE electronic Co., LTD


BZX384C3V9 Product details

VOLTAGE RANGE: 2.4 - 7 5V

POWER: 0.2Wa t t s



Features

• Standard Zener voltage tolerance is ± 5 %.

• The Zener voltages are graded according

• Silicon Planar Power Zener Diodes to the internation E 24 standard.



 




Similar Part No. - BZX384C3V9

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX384C3V9 EIC-BZX384C3V9 Datasheet
109Kb / 2P
ZENER DIODES
logo
TAITRON Components Inco...
BZX384C3V9 TAITRON-BZX384C3V9 Datasheet
296Kb / 4P
0.2W Surface Mount Zener Diodes
logo
SynSemi, Inc.
BZX384C3V9 SYNSEMI-BZX384C3V9 Datasheet
102Kb / 2P
ZENER DIODES
logo
Vishay Siliconix
BZX384C3V9 VISHAY-BZX384C3V9 Datasheet
113Kb / 8P
Small Signal Zener Diodes
08-May-13
logo
GUANGDONG HOTTECH INDUS...
BZX384C3V9 HOTTECH-BZX384C3V9 Datasheet
232Kb / 2P
Plastic-Encapsulate Diodes
More results


Similar Description - BZX384C3V9

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
BZX84B2V4 PANJIT-BZX84B2V4 Datasheet
114Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W_09 Datasheet
143Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
MMBZ5221BW PANJIT-MMBZ5221BW_10 Datasheet
121Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
MMBZ5229AW PANJIT-MMBZ5229AW_09 Datasheet
127Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
MMSZ4687-V PANJIT-MMSZ4687-V_10 Datasheet
77Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
PZ6.2B PANJIT-PZ6.2B Datasheet
90Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
logo
SUNMATE electronic Co.,...
MM5Z2V4 SUNMATE-MM5Z2V4_16 Datasheet
381Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
SZ252H SUNMATE-SZ252H_15 Datasheet
561Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
ZPX3.0 SUNMATE-ZPX3.0 Datasheet
522Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com