Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ8041TL Datasheet (PDF) - Microchip Technology

KSZ8041TL Datasheet PDF - Microchip Technology
Part # KSZ8041TL
Download  KSZ8041TL Download
File Size   136.1 Kbytes
Page   4 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description KSZ8041 Silicon Errata and Data Sheet Clarification

KSZ8041TL Datasheet (PDF)

Go To PDF Page Download Datasheet
KSZ8041TL Datasheet PDF - Microchip Technology

Part # KSZ8041TL
Download  KSZ8041TL Click to download

File Size   136.1 Kbytes
Page   4 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description KSZ8041 Silicon Errata and Data Sheet Clarification

KSZ8041TL Datasheet (HTML) - Microchip Technology


KSZ8041TL Product details

DESCRIPTION
Some KSZ8041 devices may exhibit receiver errors after the software power down bit (register 0h, bit 11), is set and then cleared. The problem only occurs following software power down. There is no issue following power up or hardware reset.

END USER IMPLICATIONS
When the failure occurs:
• The RXER pin is asserted randomly
• The RXER counter (register 15h) increments
• The RXER interrupt bit (register 1Bh, bit 6) is set
• 100BASE-TX receive side exhibits errors (transmit side functions properly)
• 10BASE-T transmit and receive function properly

The only ways to exit the failure condition are:
• Cycle power off and on
• Set and clear the software power down bit (this method may resolve the issue, but is not guaranteed)




Similar Part No. - KSZ8041TL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8041TL MICREL-KSZ8041TL Datasheet
396Kb / 58P
10Base-T/100Base-TX/100Base-FX Physical Layer Transceiver
KSZ8041TL MICREL-KSZ8041TL Datasheet
436Kb / 65P
10Base-T/100Base-TX/100Base-FX Physical Layer Transceiver
KSZ8041TL-S MICREL-KSZ8041TL-S Datasheet
436Kb / 65P
10Base-T/100Base-TX/100Base-FX Physical Layer Transceiver
KSZ8041TLI MICREL-KSZ8041TLI Datasheet
436Kb / 65P
10Base-T/100Base-TX/100Base-FX Physical Layer Transceiver
KSZ8041TLI-S MICREL-KSZ8041TLI-S Datasheet
436Kb / 65P
10Base-T/100Base-TX/100Base-FX Physical Layer Transceiver
More results


Similar Description - KSZ8041TL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F46J50 MICROCHIP-PIC18F46J50 Datasheet
217Kb / 12P
PIC18F46J50 Family Silicon Errata and Data Sheet Clarification
2010
PIC24F04KA201 MICROCHIP-PIC24F04KA201_11 Datasheet
97Kb / 8P
Silicon Errata and Data Sheet Clarification
2011
PIC18F46K80-E-PT MICROCHIP-PIC18F46K80-E-PT Datasheet
128Kb / 12P
PIC18F66K80 Family Silicon Errata and Data Sheet Clarification
11/29/11
PIC24FJ32GA002-I-ML MICROCHIP-PIC24FJ32GA002-I-ML Datasheet
216Kb / 24P
PIC24FJ64GA004 Family Silicon Errata and Data Sheet Clarification
11/29/12
PIC24FJ64GB106-I-PT MICROCHIP-PIC24FJ64GB106-I-PT Datasheet
370Kb / 22P
PIC24FJ256GB110 Family Silicon Errata and Data Sheet Clarification
11/29/12
DSPIC33FJ06GS202-EMM MICROCHIP-DSPIC33FJ06GS202-EMM Datasheet
345Kb / 20P
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Family Silicon Errata and Data Sheet Clarification
11/29/12
DSPIC33FJ06GS101 MICROCHIP-DSPIC33FJ06GS101_13 Datasheet
345Kb / 20P
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Family Silicon Errata and Data Sheet Clarification
11/29/12
PIC24FJ256GA110 MICROCHIP-PIC24FJ256GA110 Datasheet
392Kb / 22P
PIC24FJ256GA110 Family Silicon Errata and Data Sheet Clarification
11/29/12
PIC18F67J50-I MICROCHIP-PIC18F67J50-I Datasheet
271Kb / 16P
PIC18F87J50 Family Silicon Errata and Data Sheet Clarification
03/26/09
ATSAME54P19A MICROCHIP-ATSAME54P19A Datasheet
249Kb / 22P
SAM D5x/E5x Family Silicon Errata and Data Sheet Clarification
2017
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com