Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3C44B0 Datasheet (PDF) - Samsung semiconductor

3C44B0 Datasheet PDF - Samsung semiconductor
Part # 3C44B0
Download  3C44B0 Download
File Size   1993.07 Kbytes
Page   424 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description RISC MICROPROCESSOR

3C44B0 Datasheet (PDF)

Go To PDF Page Download Datasheet
3C44B0 Datasheet PDF - Samsung semiconductor

Part # 3C44B0
Download  3C44B0 Click to download

File Size   1993.07 Kbytes
Page   424 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description RISC MICROPROCESSOR

3C44B0 Datasheet (HTML) - Samsung semiconductor


3C44B0 Product details

INTRODUCTION
SAMSUNGs S3C44B0X 16/32-bit RISC microprocessor is designed to provide a cost-effective and high performance micro-controller solution for hand-held devices and general applications. To reduce total system cost, S3C44B0X also provides the following: 8KB cache, optional internal SRAM, LCD controller, 2-channel UART with handshake, 4-channel DMA, System manager (chip select logic, FP/ EDO/SDRAM controller), 5-channel timers with PWM, I/O ports, RTC, 8-channel 10-bit ADC, IIC-BUS interface, IIS-BUS interface, Sync. SIO interface and PLL for clock.

The S3C44B0X was developed using a ARM7TDMI core, 0.25 um CMOS standard cells, and a memory compiler. Its low-power, simple, elegant and fully static design is particularly suitable for cost-sensitive and power sensitive applications. Also S3C44B0X adopts a new bus architecture, SAMBA II (SAMSUNG ARM CPU embedded Microcontroller Bus Architecture).

An outstanding feature of the S3C44B0X is its CPU core, a 16/32-bit ARM7TDMI RISC processor (66MHz) designed by Advanced RISC Machines, Ltd. The architectural enhancements of ARM7TDMI include the Thumb decompressor, an on-chip ICE breaker debug support, and a 32-bit hardware multiplier.

By providing a complete set of common system peripherals, the S3C44B0X minimizes overall system costs and eliminates the need to configure additional components. The integrated on-chip functions that are described in this document are as follows:

● 2.5V Static ARM7TDMI CPU core with 8KB cache . (SAMBA II bus architecture up to 66MHz)
● External memory controller. (FP/EDO/SDRAM Control, Chip Select logic)
● LCD controller (up to 256 color DSTN) with 1-ch LCD-dedicated DMA.
● 2-ch general DMAs / 2-ch peripheral DMAs with external request pins
● 2-ch UART with handshake(IrDA1.0, 16-byte FIFO) / 1-ch SIO
● 1-ch multi-master IIC-BUS controller
● 1-ch IIS-BUS controller
● 5-ch PWM timers & 1-ch internal timer
● Watch Dog Timer
● 71 general purpose I/O ports / 8-ch external interrupt source
● Power control: Normal, Slow, Idle, and Stop mode
● 8-ch 10-bit ADC.
● RTC with calendar function.
● On-chip clock generator with PLL.




Similar Part No. - 3C44B0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3C40C0G104J050B ETC-3C40C0G104J050B Datasheet
483Kb / 4P
TYPES 1C - 9C Ceramic Capacitors
3C40C0G104J050R ETC-3C40C0G104J050R Datasheet
483Kb / 4P
TYPES 1C - 9C Ceramic Capacitors
3C40C0G104K050B ETC-3C40C0G104K050B Datasheet
483Kb / 4P
TYPES 1C - 9C Ceramic Capacitors
3C40C0G104K050R ETC-3C40C0G104K050R Datasheet
483Kb / 4P
TYPES 1C - 9C Ceramic Capacitors
3C40C0G104M050B ETC-3C40C0G104M050B Datasheet
483Kb / 4P
TYPES 1C - 9C Ceramic Capacitors
More results


Similar Description - 3C44B0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3P7588X SAMSUNG-S3P7588X Datasheet
1Mb / 326P
4-BIT RISC MICROPROCESSOR
logo
Motorola, Inc
MPC750 MOTOROLA-MPC750 Datasheet
318Kb / 31P
MPC750 RISC Microprocessor
logo
Samsung semiconductor
S3C2400 SAMSUNG-S3C2400 Datasheet
2Mb / 488P
RISC MICROPROCESSOR
logo
Freescale Semiconductor...
MPC7445 FREESCALE-MPC7445 Datasheet
1Mb / 64P
RISC Microprocessor Hardware Specifications
XPC7445 FREESCALE-XPC7445 Datasheet
336Kb / 12P
RISC Microprocessor Hardware Specifications
logo
ATMEL Corporation
PC7447A ATMEL-PC7447A Datasheet
595Kb / 44P
PowerPC RISC microprocessor
logo
Toshiba Semiconductor
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
32-Bit RISC Microprocessor
16-Aug-2024
TMP19A43FD TOSHIBA-TMP19A43FD Datasheet
1Mb / 105P
32-bit RISC Microprocessor
logo
Freescale Semiconductor...
KMC7448HX1700LD FREESCALE-KMC7448HX1700LD Datasheet
754Kb / 60P
RISC Microprocessor Hardware Specifications
logo
NXP Semiconductors
MPC755EC NXP-MPC755EC Datasheet
1Mb / 56P
RISC Microprocessor Hardware Specifications
Rev. 8, 02/2006
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com