Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC1001 Datasheet (PDF) - Micrel Semiconductor

DSC1001 Datasheet PDF - Micrel Semiconductor
Part # DSC1001
Download  DSC1001 Download
File Size   644.02 Kbytes
Page   7 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Low-Power Precision CMOS Oscillator

DSC1001 Datasheet (PDF)

Go To PDF Page Download Datasheet
DSC1001 Datasheet PDF - Micrel Semiconductor

Part # DSC1001
Download  DSC1001 Click to download

File Size   644.02 Kbytes
Page   7 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Low-Power Precision CMOS Oscillator

DSC1001 Datasheet (HTML) - Micrel Semiconductor


DSC1001 Product details

General Description
The DSC1001 is a silicon MEMS based CMOS oscillator offering excellent jitter and stability performance over a wide range of supply voltages and temperatures. The device operates from 1 to 150MHz with supply voltages between 1.8 to 3.3 Volts and temperature ranges up to -40ºC to 105ºC.

Features
● Frequency Range: 1 to 150MHz
● Exceptional Stability over Temperature
    o ±10 PPM, ±25 PPM, ±50 PPM
● Operating voltage
    o 1.7 to 3.6V
● Operating Temperature Range
    o Ext. Industrial -40ºC to 105ºC
    o Industrial -40ºC to 85ºC
    o Ext. Commercial -20ºC to 70ºC
    o Commercial 0ºC to 70ºC
● Low Operating and Standby Current
    o 5mA Operating (40MHz)
    o 15uA Standby
● Ultra Miniature Footprint
    o 2.5 x 2.0 x 0.85 mm
    o 3.2 x 2.5 x 0.85 mm
    o 5.0 x 3.2 x 0.85 mm
    o 7.0 x 5.0 x 0.85 mm
● MIL-STD 883 Shock and Vibration
    Resistant
● Pb Free, RoHS, Reach SVHC Compliant
● AEC-Q100 Reliability Qualified

Benefits
● Pin for pin “drop in” replacement for industry standard oscillators
● Semiconductor level reliability, significantly higher than quartz
● Short mass production lead-times
● Longer Battery Life / Reduced Power
● Compact Plastic package
● Cost Effective

Applications
● Mobile Applications
● Consumer Electronics
● Portable Electronics
● DVR, CCTV, Surveillance Cameras
● Low Profile Applications
● Industrial Applications




Similar Part No. - DSC1001

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC1001 MICROCHIP-DSC1001 Datasheet
597Kb / 24P
1.8V-3.3V Low-Power Precision CMOS Oscillators
10/25/17
DSC1001 MICROCHIP-DSC1001 Datasheet
2Mb / 31P
1.8V-3.3V Low-Power Precision CMOS Oscillators
June 2025 Revision D
DSC1001AE1-010.0000 MICROCHIP-DSC1001AE1-010.0000 Datasheet
2Mb / 31P
1.8V-3.3V Low-Power Precision CMOS Oscillators
June 2025 Revision D
DSC1001AE1-010.0000T MICROCHIP-DSC1001AE1-010.0000T Datasheet
2Mb / 31P
1.8V-3.3V Low-Power Precision CMOS Oscillators
June 2025 Revision D
DSC1001AE1-030.0000 MICROCHIP-DSC1001AE1-030.0000 Datasheet
2Mb / 31P
1.8V-3.3V Low-Power Precision CMOS Oscillators
June 2025 Revision D
More results


Similar Description - DSC1001

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EMEM1001 EUROQUARTZ-EMEM1001 Datasheet
580Kb / 5P
Low Power Precision CMOS
logo
Micrel Semiconductor
DSC1101 MICREL-DSC1101 Datasheet
697Kb / 7P
Low-Jitter Precision CMOS Oscillator
DSC1004 MICREL-DSC1004 Datasheet
757Kb / 7P
Low-Power Precision CMOS Oscillator
DSC1003 MICREL-DSC1003 Datasheet
757Kb / 7P
Low-Power Precision CMOS Oscillator
logo
Microchip Technology
DSA1101 MICROCHIP-DSA1101 Datasheet
513Kb / 24P
Low-Jitter Precision CMOS Oscillator for Automotive
10/25/17
DSC1101 MICROCHIP-DSC1101 Datasheet
408Kb / 30P
Low-Jitter Precision CMOS Oscillator
2017
logo
Micrel Semiconductor
DSC8001 MICREL-DSC8001 Datasheet
611Kb / 8P
Programmable Low-Power Precision CMOS Oscillator
logo
Microchip Technology
DSC1105 MICROCHIP-DSC1105 Datasheet
472Kb / 28P
Low EMI, Low-Jitter Precision CMOS Oscillator
10/25/17
logo
Micrel Semiconductor
DSC8003 MICREL-DSC8003 Datasheet
546Kb / 7P
Programmable Low-Power Precision CMOS Oscillator
DSC8101 MICREL-DSC8101 Datasheet
682Kb / 6P
Programmable Low-Jitter Precision CMOS Oscillator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com