Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8739 Datasheet (PDF) - Wolfson Microelectronics plc

WM8739 Datasheet PDF - Wolfson Microelectronics plc
Part # WM8739
Download  WM8739 Download
File Size   349.42 Kbytes
Page   35 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description STEREO AUDIO ADC

WM8739 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8739 Datasheet PDF - Wolfson Microelectronics plc

Part # WM8739
Download  WM8739 Click to download

File Size   349.42 Kbytes
Page   35 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description STEREO AUDIO ADC

WM8739 Datasheet (HTML) - Wolfson Microelectronics plc


WM8739 Product details

DESCRIPTION
The WM8739 is a stereo audio ADC. The WM8739 is designed specifically for portable MP3 audio and speech players and recorders. The WM8739 is also ideal for MD, CD-RW machines and DAT recorders.
   
FEATURES
• 90dB SNR (‘A’ weighted @ 48kHz) ADC
• Low Power
    - 12mW all-on, 1.4mW standby (‘L’ version)
    - 41mW all-on, 5.3mW standby (standard version)
• Low Supply Voltages
    - 1.8 – 3.6V Analogue Supply (‘L’ version)
    - 2.7 – 3.6V Analogue Supply (standard version)
    - 1.42 – 3.6V Digital Supply (both versions)
• Input Volume and Mute Controls
• ADC Sampling Frequency: 8KHz – 96KHz
• Selectable ADC High Pass Filter
• 2 or 3-Wire MPU Serial Control Interface
• Programmable Audio Data Interface Modes
    - I2S, Left, Right Justified or DSP
    - 16/20/24/32 bit Word Lengths
    - Master or Slave Clocking Mode
• 20-Pin SSOP or 5x5mm QFN Package Options
   
APPLICATIONS
• CD, Minidisc and DAT Recorders
• General Purpose Audio Digitisation
   




Similar Part No. - WM8739

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8731 WOLFSON-WM8731 Datasheet
128Kb / 2P
portable digital audio solutions
WM8731 WOLFSON-WM8731 Datasheet
595Kb / 56P
Portable Internet Audion CODEC with Headphone Driver and Programmable Sample Rates
WM8731 WOLFSON-WM8731 Datasheet
762Kb / 63P
Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
WM8731CLSEFL WOLFSON-WM8731CLSEFL Datasheet
786Kb / 65P
Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
WM8731CLSEFL/R WOLFSON-WM8731CLSEFL/R Datasheet
786Kb / 65P
Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
More results


Similar Description - WM8739

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1360TS PHILIPS-UDA1360TS Datasheet
84Kb / 16P
Low-voltage low-power stereo audio ADC
2000 Feb 08
logo
Sanyo Semicon Device
LC89075W-H SANYO-LC89075W-H Datasheet
422Kb / 69P
Digital Audio Interface Receiver with Stereo ADC and Audio Selector
logo
Analog Devices
EVAL-AD1871EBZ AD-EVAL-AD1871EBZ Datasheet
1Mb / 28P
Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
AD1871YRSZ AD-AD1871YRSZ Datasheet
1Mb / 28P
Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
logo
Motorola, Inc
MC145073 MOTOROLA-MC145073 Datasheet
228Kb / 16P
Dual 16-Bit Stereo Audio Sigma-Delta ADC
logo
Suzhou Everest Semicond...
ES7240S EVEREST-ES7240S Datasheet
548Kb / 10P
High Performance Stereo Audio ADC
ES7241D EVEREST-ES7241D Datasheet
603Kb / 10P
High Performance Stereo Audio ADC
ES7242 EVEREST-ES7242 Datasheet
581Kb / 11P
High Performance Stereo Audio ADC
ES7243 EVEREST-ES7243 Datasheet
591Kb / 11P
High Performance Stereo Audio ADC
ES8288 EVEREST-ES8288 Datasheet
433Kb / 25P
Low Power Stereo Audio ADC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com