Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM01Z Datasheet (PDF) - SUNMATE electronic Co., LTD

EM01Z Datasheet PDF - SUNMATE electronic Co., LTD
Part # EM01Z
Download  EM01Z Download
File Size   322.86 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description PLASTIC SILICON RECTIFIER DIODES

EM01Z Datasheet (PDF)

Go To PDF Page Download Datasheet
EM01Z Datasheet PDF - SUNMATE electronic Co., LTD

Part # EM01Z
Download  EM01Z Click to download

File Size   322.86 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description PLASTIC SILICON RECTIFIER DIODES

EM01Z Datasheet (HTML) - SUNMATE electronic Co., LTD


EM01Z Product details

VOLTAGE RANGE: 200 - 600V
CURRENT: 1.0 A

Features
● Low cost
● Diffused junction
● Low leakage
● Low forward voltage drop
● High current capability
● Easily cleaned with Freon,Alcohol,Isopropanol
   and similar solvents
● The plastic material carries U/L recognition 94V-0

Mechanical Data
● Case: D O - 4 1 Molded Plastic
● Terminals: Plated Leads Solderable per
   MIL-STD-202, Method 208
● Polarity: Cathode Band
● Weight: 0.34 grams (approx.)
● Mounting Position: Any
● Marking: Type Number




Similar Part No. - EM01Z

ManufacturerPart #DatasheetDescription
logo
Sanken electric
EM01Z SANKEN-EM01Z Datasheet
23Kb / 1P
Rectifier Diodes
EM01Z SANKEN-EM01Z Datasheet
23Kb / 1P
Rectifier Diodes
logo
Galaxy Semi-Conductor H...
EM01Z BILIN-EM01Z Datasheet
58Kb / 2P
PLASTIC SILICON RECTIFIER
logo
Shenzhen Luguang Electr...
EM01Z LUGUANG-EM01Z Datasheet
168Kb / 2P
Plastic Silicon Rectifiers
logo
Sanken electric
EM01Z SANKEN-EM01Z Datasheet
196Kb / 4P
Silicon Diode
More results


Similar Description - EM01Z

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN1N645-1 MICROSEMI-JAN1N645-1 Datasheet
177Kb / 3P
Silicon Rectifier Diodes
logo
Shenzhen Taychipst Elec...
S5566B TAYCHIPST-S5566B Datasheet
14Mb / 2P
SILICON RECTIFIER DIODES
logo
Thinki Semiconductor Co...
10A05 THINKISEMI-10A05 Datasheet
697Kb / 2P
10.0 Ampere Plastic Silicon General Purpose Rectifier Diodes
logo
SUNMATE electronic Co.,...
1S1885 SUNMATE-1S1885 Datasheet
313Kb / 2P
PLASTIC SILICON RECTIFIER DIODES
ERA15-01 SUNMATE-ERA15-01 Datasheet
277Kb / 2P
PLASTIC SILICON RECTIFIER DIODES
UG1A SUNMATE-UG1A Datasheet
328Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER DIODES
UG2A SUNMATE-UG2A Datasheet
321Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER DIODES
UG3A SUNMATE-UG3A Datasheet
560Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER DIODES
UG4A SUNMATE-UG4A Datasheet
323Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
BYX42 NJSEMI-BYX42 Datasheet
132Kb / 2P
SILICON RECTIFIER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com