Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM1Y Datasheet (PDF) - SUNMATE electronic Co., LTD

EM1Y Datasheet PDF - SUNMATE electronic Co., LTD
Part # EM1Y
Download  EM1Y Download
File Size   301.74 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description AXIAL LEADED SILICON RECTIFIER DIODES

EM1Y Datasheet (PDF)

Go To PDF Page Download Datasheet
EM1Y Datasheet PDF - SUNMATE electronic Co., LTD

Part # EM1Y
Download  EM1Y Click to download

File Size   301.74 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description AXIAL LEADED SILICON RECTIFIER DIODES

EM1Y Datasheet (HTML) - SUNMATE electronic Co., LTD


EM1Y Product details

VOLTAGE RANGE: 100 - 1000V
CURRENT: 1.0 A

Features
● Low cost
● Diffused junction
● Low leakage
● Low forward voltage drop
● High current capability
● Easily cleaned with Freon,Alcohol,Isopropanol
   and similar solvents
● The plastic material carries U/L recognition 94V-0

Mechanical Data
● Case: D O - 4 1 Molded Plastic
● Terminals: Plated Leads Solderable per
   MIL-STD-202, Method 208
● Polarity: Cathode Band
● Weight: 0.34 grams (approx.)
● Mounting Position: Any
● Marking: Type Number




Similar Part No. - EM1Y

ManufacturerPart #DatasheetDescription
logo
Sanken electric
EM1Y SANKEN-EM1Y Datasheet
23Kb / 1P
Rectifier Diodes
EM1Y SANKEN-EM1Y Datasheet
23Kb / 1P
Rectifier Diodes
logo
Galaxy Semi-Conductor H...
EM1Y BILIN-EM1Y Datasheet
49Kb / 2P
PLASTIC SILICON RECTIFIER
logo
Shenzhen Luguang Electr...
EM1Y LUGUANG-EM1Y Datasheet
174Kb / 2P
Plastic Silicon Rectifiers
logo
Sanken electric
EM1Y SANKEN-EM1Y Datasheet
159Kb / 3P
Silicon Diode
More results


Similar Description - EM1Y

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
8A05 SUNMATE-8A05 Datasheet
363Kb / 2P
AXIAL LEADED SILICON RECTIFIER DIODES
10EDB60 SUNMATE-10EDB60 Datasheet
293Kb / 2P
AXIAL LEADED SILICON RECTIFIER DIODES
10JDA10 SUNMATE-10JDA10 Datasheet
305Kb / 2P
AXIAL LEADED SILICON RECTIFIER DIODES
BY251 SUNMATE-BY251 Datasheet
1Mb / 2P
AXIAL LEADED SILICON RECTIFIER DIODES
EM513 SUNMATE-EM513 Datasheet
303Kb / 2P
AXIAL LEADED SILICON RECTIFIER DIODES
GP25A SUNMATE-GP25A Datasheet
1Mb / 2P
AXIAL LEADED SILICON RECTIFIER DIODES
GPP10A SUNMATE-GPP10A Datasheet
308Kb / 2P
AXIAL LEADED SILICON RECTIFIER DIODES
GPP15A SUNMATE-GPP15A Datasheet
283Kb / 2P
AXIAL LEADED SILICON RECTIFIER DIODES
GPP20A SUNMATE-GPP20A Datasheet
1,004Kb / 2P
AXIAL LEADED SILICON RECTIFIER DIODES
P300A SUNMATE-P300A Datasheet
278Kb / 2P
AXIAL LEADED SILICON RECTIFIER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com