Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8413 Datasheet (PDF) - List of Unclassifed Manufacturers

CS8413 Datasheet PDF - List of Unclassifed Manufacturers
Part # CS8413
Download  CS8413 Download
File Size   646.84 Kbytes
Page   38 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 96 KHZ DIGITAL AUDIO RECEIVER

CS8413 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS8413 Datasheet PDF - List of Unclassifed Manufacturers

Part # CS8413
Download  CS8413 Click to download

File Size   646.84 Kbytes
Page   38 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 96 KHZ DIGITAL AUDIO RECEIVER

CS8413 Datasheet (HTML) - List of Unclassifed Manufacturers


CS8413 Product details

[Cirrus-Logic]



Description

The CS8413 and CS8414 are monolithic CMOS devices which receive and decode audio data up to 96kHz according to the AES/EBU, IEC958, S/PDIF, and EIAJ CP340/1201 interface standards. The CS8413 and CS8414 receive data from a transmission line, recover the clock and synchronization signals, and de-multiplex the audio and digital data. Differential or single ended in puts can be decoded.

The CS8413 has a configurable internal buffer memory, read through a parallel port, which may be used to buffer channel status, auxiliary data, and/or user data.

The CS8414 de-multiplexes the channel, user, and validity data directly to serial output pins with dedicated output pins for the most important channel status bits.



Features

• Sample Rates to >100 kHz

• Low-Jitter, On-Chip Clock Recovery 256xFs Output clock Provided

• Supports: AES/EBU, IEC 958, S/PDIF, & EIAJ CP340/1201 Professional and Consumer Formats

• Extensive Error Reporting

   Repeat Last Sample on Error Option

• On-Chip RS422 Line Receiver

• Configurable Buffer Memory (CS8413)

• Pin Compatible with CS8411 and CS8412



 




Similar Part No. - CS8413

ManufacturerPart #DatasheetDescription
logo
High Voltage Power Solu...
CS841 HVPSI-CS841 Datasheet
60Kb / 2P
MOV Modules
logo
Cirrus Logic
CS8411 CIRRUS-CS8411 Datasheet
642Kb / 38P
DIGITAL AUDIO INTER FACE RECEIVER
CS8412 CIRRUS-CS8412 Datasheet
642Kb / 38P
DIGITAL AUDIO INTER FACE RECEIVER
CS8412 CIRRUS-CS8412 Datasheet
1Mb / 36P
Low Cost, 20-Bit, Stereo, Audio D/A Converter
CS8415A CIRRUS-CS8415A Datasheet
766Kb / 42P
96 kHz DIGITAL AUDIO INTERFACE RECEIVER
More results


Similar Description - CS8413

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS8415A CIRRUS-CS8415A Datasheet
766Kb / 42P
96 kHz DIGITAL AUDIO INTERFACE RECEIVER
CS8427 CIRRUS-CS8427 Datasheet
948Kb / 59P
96 kHz Digital Audio Interface Transceiver
logo
Texas Instruments
DIR9001 TI-DIR9001 Datasheet
391Kb / 30P
96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Cirrus Logic
CS8405A CIRRUS-CS8405A_04 Datasheet
630Kb / 37P
96 kHz Digital Audio Interface Transmitter
logo
Burr-Brown (TI)
DIR9001 BURR-BROWN-DIR9001 Datasheet
394Kb / 32P
96-kHz, 24-Bit Digital Audio Interface Receiver
DIR9001-Q1 BURR-BROWN-DIR9001-Q1 Datasheet
378Kb / 30P
96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Cirrus Logic
CS8427 CIRRUS-CS8427_09 Datasheet
498Kb / 60P
96 kHz Digital Audio Interface Transceiver
CS8415A CIRRUS-CS8415A_05 Datasheet
583Kb / 46P
96 kHz Digital Audio Interface Receiver
CS8427 CIRRUS-CS8427_10 Datasheet
743Kb / 60P
96 kHz Digital Audio Interface Transceiver
logo
Texas Instruments
DIR9001IPWRQ1G4 TI1-DIR9001IPWRQ1G4 Datasheet
787Kb / 35P
96-kHz, 24-Bit Digital Audio Interface Receiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com