Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR251G Datasheet (PDF) - SUNMATE electronic Co., LTD

FR251G Datasheet PDF - SUNMATE electronic Co., LTD
Part # FR251G
Download  FR251G Download
File Size   310.37 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description FAST RECOVER Y RECTIFIER DIODES

FR251G Datasheet (PDF)

Go To PDF Page Download Datasheet
FR251G Datasheet PDF - SUNMATE electronic Co., LTD

Part # FR251G
Download  FR251G Click to download

File Size   310.37 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description FAST RECOVER Y RECTIFIER DIODES

FR251G Datasheet (HTML) - SUNMATE electronic Co., LTD


FR251G Product details

VOLTAGE RANGE: 50 - 1000V
CURRENT: 2.5 A

Features
● Diffused Junction
● Low Forward Voltage Drop
● High Reliability
● High Surge Current Capability
● Glass passivated device




Similar Part No. - FR251G

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
FR251G EIC-FR251G Datasheet
47Kb / 2P
GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIERS
logo
GOOD-ARK Electronics
FR251G GOOD-ARK-FR251G Datasheet
145Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
SynSemi, Inc.
FR251G SYNSEMI-FR251G Datasheet
91Kb / 2P
GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FR251G EIC-FR251G Datasheet
99Kb / 2P
GLASS PASSIVATED JUNCTION
logo
Rugao Dachang Electroni...
FR251G DACHANG-FR251G Datasheet
120Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 2.5A
More results


Similar Description - FR251G

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
MR850 TAYCHIPST-MR850 Datasheet
3Mb / 2P
FAST RECOVER Y RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
1S1834 SUNMATE-1S1834 Datasheet
337Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
FR101 SUNMATE-FR101 Datasheet
309Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
FR801 SUNMATE-FR801 Datasheet
233Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
RU1 SUNMATE-RU1 Datasheet
261Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
AU01Z SUNMATE-AU01Z Datasheet
259Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
ERD09-13 SUNMATE-ERD09-13 Datasheet
350Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
ES1Z SUNMATE-ES1Z Datasheet
307Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
logo
Summit Microelectronics...
1F10F SUMMIT-1F10F Datasheet
461Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
BYW82 SUNMATE-BYW82 Datasheet
375Kb / 3P
FAST RECOVER Y RECTIFIER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com