Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR601G Datasheet (PDF) - SUNMATE electronic Co., LTD

FR601G Datasheet PDF - SUNMATE electronic Co., LTD
Part # FR601G
Download  FR601G Download
File Size   321.63 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description FAST RECOVER Y GLASS PASSIVATED RECTIFIER DIODES

FR601G Datasheet (PDF)

Go To PDF Page Download Datasheet
FR601G Datasheet PDF - SUNMATE electronic Co., LTD

Part # FR601G
Download  FR601G Click to download

File Size   321.63 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description FAST RECOVER Y GLASS PASSIVATED RECTIFIER DIODES

FR601G Datasheet (HTML) - SUNMATE electronic Co., LTD


FR601G Product details

VOLTAGE RANGE: 50 - 1000V CURRENT: 6.0 A

Features
● Glass passivated device
● Low Reverse Recovery Time
● Low Reverse Current
● Low Forward Voltage Drop
● High Current Capability
● Plastic Material: UL Flammability
   Classification Rating 94V-0




Similar Part No. - FR601G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
FR601G JGD-FR601G Datasheet
147Kb / 2P
6.0 AMPS. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Dc Components
FR601G DCCOM-FR601G Datasheet
460Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
GOOD-ARK Electronics
FR601G GOOD-ARK-FR601G Datasheet
195Kb / 3P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Taiwan Semiconductor Co...
FR601G TSC-FR601G Datasheet
69Kb / 2P
6.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FR601G TSC-FR601G Datasheet
249Kb / 2P
6.0 AMPS. Glass Passivated Fast Recovery Rectifiers
More results


Similar Description - FR601G

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
MR850 TAYCHIPST-MR850 Datasheet
3Mb / 2P
FAST RECOVER Y RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
FR101G SUNMATE-FR101G Datasheet
313Kb / 2P
FAST RECOVER Y GLASS PASSIVATED RECTIFIER DIODES
FR151G SUNMATE-FR151G Datasheet
330Kb / 2P
FAST RECOVER Y GLASS PASSIVATED RECTIFIER DIODES
FR201G SUNMATE-FR201G Datasheet
300Kb / 2P
FAST RECOVER Y GLASS PASSIVATED RECTIFIER DIODES
FR301G SUNMATE-FR301G Datasheet
261Kb / 2P
FAST RECOVER Y GLASS PASSIVATED RECTIFIER DIODES
PR1001G SUNMATE-PR1001G Datasheet
336Kb / 2P
FAST RECOVER Y GLASS PASSIVATED RECTIFIER DIODES
PR1501G SUNMATE-PR1501G Datasheet
287Kb / 2P
FAST RECOVER Y GLASS PASSIVATED RECTIFIER DIODES
PR2001G SUNMATE-PR2001G Datasheet
266Kb / 2P
FAST RECOVER Y GLASS PASSIVATED RECTIFIER DIODES
PR3001G SUNMATE-PR3001G Datasheet
259Kb / 2P
FAST RECOVER Y GLASS PASSIVATED RECTIFIER DIODES
SRGPP3J SUNMATE-SRGPP3J Datasheet
301Kb / 2P
GLASS PASSIVATED FAST RECOVER Y RECTIFIER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com