Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16C2450CP40 Datasheet (PDF) - Exar Corporation

ST16C2450CP40 Datasheet PDF - Exar Corporation
Part # ST16C2450CP40
Download  ST16C2450CP40 Download
File Size   315.18 Kbytes
Page   29 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 2.97V TO 5.5V DUART

ST16C2450CP40 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST16C2450CP40 Datasheet PDF - Exar Corporation

Part # ST16C2450CP40
Download  ST16C2450CP40 Click to download

File Size   315.18 Kbytes
Page   29 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 2.97V TO 5.5V DUART

ST16C2450CP40 Datasheet (HTML) - Exar Corporation


ST16C2450CP40 Product details

GENERAL DESCRIPTION
The ST16C2450 (2450) is a dual universal asynchronous receiver and transmitter (UART). The ST16C2450 is an improved version of the ST16C2450 with lower operating voltage and 5 volt tolerant inputs. The 2450 provides enhanced UART functions, a modem control interface and data rates up to 1.5 Mbps. Onboard status registers provide the user with error indications and operational status.

FEATURES
Added feature in devices with top marking "A2 YYWW" and newer:
    ■ 5 Volt Tolerant Inputs
• 2.97 to 5.5 Volt Operation
• Pin-to-pin compatible to Exar’s XR16C2450, ST16C2550, XR16L2550, XR16L2750 and XR16C2850
• 2 independent UART channels
    ■ Up to 1.5 Mbps data rate with a 24 MHz crystal oscillator or external clock frequency
    ■ 1 byte Transmit FIFO
    ■ 1 byte Receive FIFO with error tags
    ■ Status report registers
    ■ Modem control signals (CTS#, RTS#, DSR#, DTR#, RI#, CD#)
    ■ Programmable character lengths (5, 6, 7, 8)
    with even, odd, or no parity
• Crystal oscillator or external clock input
• TTL compatible inputs, outputs
• Industrial temperature ranges
• 48-TQFP and 44-PLCC packages

APPLICATIONS
• Portable Appliances
• Telecommunication Network Routers
• Ethernet Network Routers
• Cellular Data Devices
• Factory Automation and Process Controls




Similar Part No. - ST16C2450CP40

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C2450CP40 EXAR-ST16C2450CP40 Datasheet
525Kb / 30P
2.97V TO 5.5V DUART
More results


Similar Description - ST16C2450CP40

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L2450 EXAR-XR16L2450 Datasheet
511Kb / 30P
2.25V TO 5.5V DUART
ST16C1450 EXAR-ST16C1450 Datasheet
355Kb / 32P
2.97V TO 5.5V UART
XR16C2450 EXAR-XR16C2450 Datasheet
694Kb / 31P
2.97V TO 5.5V DUART
XR16C2550 EXAR-XR16C2550 Datasheet
813Kb / 38P
2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C1450 EXAR-ST16C1450_05 Datasheet
614Kb / 28P
2.97V TO 5.5V UART
ST16C2550 EXAR-ST16C2550_04 Datasheet
661Kb / 39P
2.97V TO 5.5V DUART WITH 16-BYTE FIFO
XR16C2550 EXAR-XR16C2550_07 Datasheet
688Kb / 37P
2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C2450 EXAR-ST16C2450_05 Datasheet
525Kb / 30P
2.97V TO 5.5V DUART
XR16L2450 EXAR-XR16L2450_05 Datasheet
513Kb / 30P
2.25V TO 5.5V DUART
XR16L788IQ-F EXAR-XR16L788IQ-F Datasheet
1Mb / 54P
HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com